Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ2014H Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2014H
Description  Low-Cost NiCd/NiMH Gas Gauge IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2014H Datasheet(HTML) 21 Page - Texas Instruments

Back Button BQ2014H Datasheet HTML 14Page - Texas Instruments BQ2014H Datasheet HTML 15Page - Texas Instruments BQ2014H Datasheet HTML 16Page - Texas Instruments BQ2014H Datasheet HTML 17Page - Texas Instruments BQ2014H Datasheet HTML 18Page - Texas Instruments BQ2014H Datasheet HTML 19Page - Texas Instruments BQ2014H Datasheet HTML 20Page - Texas Instruments BQ2014H Datasheet HTML 21Page - Texas Instruments BQ2014H Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21
Preliminary
bq2014H
16-Pin SOIC Narrow (SN)
A
A1
.004
C
B
e
D
E
H
L
16-Pin SN (0.150" SOIC)
Dimension
Inches
Millimeters
Min.
Max.
Min.
Max.
A
0.060
0.070
1.52
1.78
A1
0.004
0.010
0.10
0.25
B
0.013
0.020
0.33
0.51
C
0.007
0.010
0.18
0.25
D
0.385
0.400
9.78
10.16
E
0.150
0.160
3.81
4.06
e
0.045
0.055
1.14
1.40
H
0.225
0.245
5.72
6.22
L
0.015
0.035
0.38
0.89
bq2014H
Package Option:
SN = 16-pin narrow SOIC
Device:
bq2014H Gas-Gauge IC
Temperature Range:
blank = Commercial (0 to +70°C)
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com