Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4151CDD Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4151CDD
Description  High Voltage I2C Current and Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4151CDD Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4151CDD Datasheet HTML 8Page - Linear Technology LTC4151CDD Datasheet HTML 9Page - Linear Technology LTC4151CDD Datasheet HTML 10Page - Linear Technology LTC4151CDD Datasheet HTML 11Page - Linear Technology LTC4151CDD Datasheet HTML 12Page - Linear Technology LTC4151CDD Datasheet HTML 13Page - Linear Technology LTC4151CDD Datasheet HTML 14Page - Linear Technology LTC4151CDD Datasheet HTML 15Page - Linear Technology LTC4151CDD Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC4151/LTC4151-1
12
41511fa
Table 3. SENSE Registers A (00h) and B (O1h)—Read/Write
BIT
NAME
OPERATION
A7:0, B7:4
SENSE Voltage Data
12-Bit Data of Current Sense Voltage with 20μV LSB and 81.92mV Full-Scale
B3
ADC Busy in Snapshot Mode
1 = SENSE Being Converted; 0 = SENSE Conversion Completed. Not Writable
B2:0
Reserved
Always Returns 0. Not Writable
Table 4. VIN Registers C (02h) and D (O3h)—Read/Write
BIT
NAME
OPERATION
C7:0, D7:4
VIN Voltage Data
12-Bit Data of VIN Voltage with 25mV LSB and 102.4V Full-Scale
D3
ADC Busy in Snapshot Mode
1 = VIN Being Converted; 0 = VIN Conversion Completed. Not Writable
D2:0
Reserved
Always Returns 0, Not Writable
Table 5. ADIN Registers E (04h) and F (O5h)—Read/Write
BIT
NAME
OPERATION
E7:0, F7:4
ADIN Voltage Data
12-Bit Data of Current Sense Voltage with 500μV LSB and 2.048V Full-Scale
F3
ADC Busy in Snapshot Mode
1 = ADIN Being Converted; 0 = ADIN Conversion Completed. Not Writable
F2:0
Reserved
Always Returns 0, Not Writable
APPLICATIONS INFORMATION
Table 2. LTC4151/LTC4151-1 Register Address and Contents
REGISTER ADDRESS*
REGISTER NAME
READ/WRITE
DESCRIPTION
00h
SENSE (A)
R/W**
ADC Current Sense Voltage Data (8 MSBs)
01h
SENSE (B)
R/W**
ADC Current Sense Voltage Data (4 LSBs)
02h
VIN (C)
R/W**
ADC VIN Voltage Data (8 MSBs)
03h
VIN (D)
R/W**
ADC VIN Voltage Data (4 LSBs)
04h
ADIN (E)
R/W**
ADC ADIN Voltage Data (8 MSBs)
05h
ADIN (F)
R/W**
ADC ADIN Voltage Data (4 LSBs)
06h
CONTROL (G)
R/W
Controls ADC Operation Mode and Test Mode
07h
Reserved
*Register address MSBs b7-b3 are ignored. **Writable if bit G4 is set.
Table 6. CONTROL Register G (06h)—Read/Write
BIT
NAME
OPERATION
G7
ADC Snapshot Mode
Enable
Enables ADC Snapshot Mode; 1 = Snapshot Mode Enabled. Only the channel selected by G6 and G5 is
measured by the ADC. After the conversion, the channel busy bit is reset and the ADC is halted.
0 = Snapshot Mode Disabled (ADC free running, Default).
G6
ADC Channel Label for
Snapshot Mode
ADC Channel Label for Snapshot Mode
G6
G5
ADC CHANNEL
0
0
SENSE (Default)
01
VIN
1
0
ADIN
G5
ADC Channel Label for
Snapshot Mode
G4
Test Mode Enable
Test Mode Halts ADC Operation and Enables Writes to ADC Registers; 1 = Enable Test Mode,
0 = Disable Test Mode (Default)
G3
Page Read/Write Enable
Enables Page Read/Write; 1 = Enable I2C Page Read/Write (Default), 0 = Disable I2C Page Read/Write
G2
Stuck-Bus Timer Enable
Enables I2C Stuck-Bus Reset Timer; 1 = Enable Stuck-Bus Timer (Default), 0 = Disable Stuck-Bus Timer
G1:0
Reserved
Always Returns 0, Not Writable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com