Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4151CDD Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4151CDD
Description  High Voltage I2C Current and Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4151CDD Datasheet(HTML) 3 Page - Linear Technology

  LTC4151CDD Datasheet HTML 1Page - Linear Technology LTC4151CDD Datasheet HTML 2Page - Linear Technology LTC4151CDD Datasheet HTML 3Page - Linear Technology LTC4151CDD Datasheet HTML 4Page - Linear Technology LTC4151CDD Datasheet HTML 5Page - Linear Technology LTC4151CDD Datasheet HTML 6Page - Linear Technology LTC4151CDD Datasheet HTML 7Page - Linear Technology LTC4151CDD Datasheet HTML 8Page - Linear Technology LTC4151CDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC4151/LTC4151-1
3
41511fa
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4151CDD#PBF
LTC4151CDD#TRPBF
LCWZ
10-Lead (3mm x 3mm) Plastic DFN
0°C to 70°C
LTC4151IDD#PBF
LTC4151IDD#TRPBF
LCWZ
10-Lead (3mm x 3mm) Plastic DFN
–40°C to 85°C
LTC4151CDD-1#PBF
LTC4151CDD-1#TRPBF
LCXC
10-Lead (3mm x 3mm) Plastic DFN
0°C to 70°C
LTC4151IDD-1#PBF
LTC4151IDD-1#TRPBF
LCXC
10-Lead (3mm x 3mm) Plastic DFN
–40°C to 85°C
LTC4151CMS#PBF
LTC4151CMS#TRPBF
LTCWY
10-Lead Plastic MSOP
0°C to 70°C
LTC4151IMS#PBF
LTC4151IMS#TRPBF
LTCWY
10-Lead Plastic MSOP
–40°C to 85°C
LTC4151CMS-1#PBF
LTC4151CMS-1#TRPBF
LTCXB
10-Lead Plastic MSOP
0°C to 70°C
LTC4151IMS-1#PBF
LTC4151IMS-1#TRPBF
LTCXB
10-Lead Plastic MSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
General
VIN
Supply Voltage
l
780
V
IIN
Supply Current
VIN = 48V, Normal Operation Mode
VIN = 12V, Shutdown Mode
l
l
1.2
120
1.7
300
mA
μA
ISENSE+
SENSE+ Input Current
VIN, SENSE+, SENSE– = 48V
l
59
μA
ISENSE–
SENSE– Input Current
VIN, SENSE+, SENSE– = 48V
l
0.1
1
μA
VSHDN(TH)
SHDN Input Threshold
l
11.52
V
ISHDN
SHDN Input Current
SHDN = 0V
l
–3
–5
–8
μA
ADC
RES
Resolution (No Missing Codes)
(Note 4)
l
12
Bits
VFS
Full-Scale Voltage
(SENSE+ – SENSE–)
VIN
ADIN
81.92
102.4
2.048
mV
V
V
LSB
LSB Step Size
(SENSE+ – SENSE–)
VIN
ADIN
20
25
0.5
μV
mV
mV
TUE
Total Unadjusted Error
(SENSE+ – SENSE–)
VIN (Note 5)
ADIN, LTC4151C, LTC4151C-1
ADIN, LTC4151I, LTC4151I-1
l
l
l
l
±1.25
±1
±0.75
±1
%
%
%
%
VOS
Offset Error
(SENSE+ – SENSE–)
VIN (Note 6)
ADIN
l
l
l
±5
±6
±8
LSB
LSB
LSB
INL
Integral Nonlinearity
(SENSE+ – SENSE–)
VIN (Note 5)
ADIN
l
l
l
±1
±1
±0.5
±3
±3
±2
LSB
LSB
LSB
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN is from 7V to 80V, unless noted. (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com