Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF02HN8 Datasheet(PDF) 2 Page - Linear Technology

Part # REF02HN8
Description  Precision Voltage References
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

REF02HN8 Datasheet(HTML) 2 Page - Linear Technology

  REF02HN8 Datasheet HTML 1Page - Linear Technology REF02HN8 Datasheet HTML 2Page - Linear Technology REF02HN8 Datasheet HTML 3Page - Linear Technology REF02HN8 Datasheet HTML 4Page - Linear Technology REF02HN8 Datasheet HTML 5Page - Linear Technology REF02HN8 Datasheet HTML 6Page - Linear Technology REF02HN8 Datasheet HTML 7Page - Linear Technology REF02HN8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REF-01/REF-02
2
REF-01/REF-02 A, E, H ............................................ 40V
REF-01C/REF-02C ................................................... 30V
Power Dissipation .............................................. 500mW
Output Short-Circuit Duration
To Ground ................................................... Indefinite
To VIN ≤ 16V ............................................... Indefinite
To VIN > 16V ............................................Not Allowed
ORDER PART
NUMBER
REF01AH
REF01H
REF01EH
REF01HH
REF01CH
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS V
IN = 15V, TA = 25°C unless otherwise noted.
REF-01A/E, REF-02A/E
REF-01H, REF-02H
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VO
Output Voltage
IL = 0mA
REF-01
9.97
10
10.03
9.95
10
10.05
V
REF-02
4.985
5
5.015
4.975
5
5.025
V
Output Adjustment Range
RP = 10kΩ
REF-01
±3
5, –27
±3
5, –27
%
REF-02
±3
5, –13
±3
5, –13
%
enP-P
Output Voltage Noise
0.1Hz to 10Hz (Note 7) REF-01
20
20
µVP-P
REF-02
10
10
µVP-P
VIN
Input Voltage Range
REF-01
12
40
12
40
V
REF-02
7
40
7
40
V
∆VOUT
Line Regulation
(VOUT + 3V) ≤ VIN ≤ 33V
0.0001
0.010
0.0001
0.010
%/V
∆VIN
(Note 2)
∆VOUT
Load Regulation
IL = 0mA to 10mA
REF-01
0.0005
0.008
0.0005
0.010
%/mA
∆IOUT
(Note 2)
REF-02
0.0010
0.010
0.001
0.010
%/mA
IQ
Quiescent Supply Current
No Load
0.65
1.4
0.65
1.4
mA
IOUT
Load Current
10
20
10
20
mA
Sink Current
–0.3
–20
–0.3
–20
mA
ISC
Short-Circuit Current
VO = 0V
25
25
mA
VT
Temperature Voltage Output
(Note 3)
REF-02 Only
620
620
mV
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Storage Temperature Range ................. – 65
°C to 150°C
Operating Temperature
REF-01/REF-02, REF-01A/REF-02A ...–55
°C to 125°C
REF-01E/REF-02E, REF-01H/REF-02H,
REF-01C/REF-02C, REF-01D/REF-02D .... 0
°C to 70°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
REF02AH
REF02H
REF02EH
REF02HH
REF02CH
REF02DH
TOP VIEW
NC*
NC*
NC*
INPUT
OUTPUT
TRIM
TEMP**
GND (CASE)
8
7
6
5
3
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
*INTERNALLY CONNECTED. DO
NOT CONNECT EXTERNALLY.
**DO NOT CONNECT ON REF-01
TJMAX = 150°C, θJA = 150°C/W, θJC = 45°C/W
1
2
3
4
8
7
6
5
TOP VIEW
NC*
INPUT
TEMP**
GND
NC*
NC*
OUTPUT
TRIM
N8 PACKAGE
8-LEAD PDIP
J8 PACKAGE
8-LEAD CERDIP
*INTERNALLY CONNECTED. DO
NOT CONNECT EXTERNALLY.
**DO NOT CONNECT ON REF-01
TJMAX = 100°C, θJA = 130°C/W
TJMAX = 150°C, θJA = 100°C/W
REF01EN8
REF01HN8
REF01CN8
REF01EJ8
REF01HJ8
REF01CJ8
REF02EN8
REF02HN8
REF02CN8
REF02DN8
REF02EJ8
REF02HJ8
REF02CJ8
REF02DJ8
OBSOLETE PACKAGE
Consider the N Package for Alternate Source
OBSOLETE PACKAGE
Consider the N Package for Alternate Source



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com