Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF02HN8 Datasheet(PDF) 3 Page - Linear Technology

Part # REF02HN8
Description  Precision Voltage References
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

REF02HN8 Datasheet(HTML) 3 Page - Linear Technology

  REF02HN8 Datasheet HTML 1Page - Linear Technology REF02HN8 Datasheet HTML 2Page - Linear Technology REF02HN8 Datasheet HTML 3Page - Linear Technology REF02HN8 Datasheet HTML 4Page - Linear Technology REF02HN8 Datasheet HTML 5Page - Linear Technology REF02HN8 Datasheet HTML 6Page - Linear Technology REF02HN8 Datasheet HTML 7Page - Linear Technology REF02HN8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REF-01/REF-02
3
ELECTRICAL CHARACTERISTICS V
IN = 15V, TA = 25°C unless otherwise noted.
REF-01C, REF-02C
REF-02D
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VO
Output Voltage
IL = 0mA
REF-01
9.9
10
10.1
V
REF-02
4.95
5
5.05
4.9
5
5.1
V
Output Adjustment Range
RP = 10kΩ
REF-01
5, –27
%
REF-02
±2.7
5, –13
±2
5, –13
%
enP-P
Output Voltage Noise
0.1Hz to 10Hz (Note 7) REF-01
30
µVP-P
REF-02
12
12
µVP-P
∆VOUT
Line Regulation
(VOUT + 3V) ≤ VIN ≤ 33V
0.0001
0.015
0.0001
0.04
%/V
∆VIN
(Note 2)
∆VOUT
Load Regulation
IL = 0mA to 8mA
0.0005
0.015
%/mA
∆IOUT
(Note 2)
IL = 0mA to 4mA
0.001
0.04
%/mA
IQ
Quiescent Supply Current
No Load
0.65
1.6
0.65
2
mA
IOUT
Load Current
8
20
8
20
mA
Sink Current
–0.2
20
–0.2
20
mA
ISC
Short-Circuit Current
VO = 0V
25
25
mA
VT
Temperature Voltage Output
(Note 3)
REF-02 Only
620
620
mV
The
● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VIN = 15V, –55°C ≤ TA ≤ ±125°C for REF-01A/REF-02A and REF-01/REF-02, 0°C ≤ TA ≤ 70°C for REF-01E/REF-02E and
REF-01H/REF-02H, IL = 0mA unless otherwise noted.
REF-01A/E, REF-02A/E
REF-01H/REF-02H
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
∆V
Output Voltage Change with
0
°C ≤ TA ≤ 70°C
●
0.02
0.06
0.035
0.17
%
∆T
Temperature (Notes 4, 5)
–55
°C ≤ TA ≤ 125°C
●
0.09
0.15
0.144
0.45
%
TC
Output Voltage Temperature
(Note 6)
●
5
8.5
8
25
ppm/
°C
Coefficient
Change in VO Temperature
RP = 10kΩ
●
0.5
0.5
ppm/%
Coefficient with Output
Adjustment
∆VOUT
Line Regulation
0
°C ≤ TA ≤ 70°C
●
0.0001
0.012
0.0001
0.012
%/V
∆VIN
(VOUT + 3V) ≤ VIN ≤ 33V (Note 2) –55°C ≤ TA ≤ 125°C
●
0.0001
0.015
0.0001
0.015
%/V
∆VOUT
Load Regulation
0
°C ≤ TA ≤ 70°C
●
0.002
0.010
0.002
0.012
%/mA
∆IOUT
(IL = 0mA to 8mA) (Note 2)
–55
°C ≤ TA ≤ 125°C
●
0.002
0.012
0.002
0.015
%/mA
Temperature Voltage Output
(Note 3) REF-02
●
2.1
2.1
mV/
°C
Temperature Coefficient



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com