Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSKW2000 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MSKW2000
Description  5W 2:1 Wide Input Range SMD, Single & Dual Output DC/DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSKW2000 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MSKW2000 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSKW2000 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSKW2000 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSKW2000 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSKW2000 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MSKW2000 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MSKW2000 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MSKW2000 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
85
123
{16.7
{167
{15
MSKW2047
85
122
{20.8
{208
{12
MSKW2046
82
127
{50
{500
{5
MSKW2045
85
122
33.3
333
15
MSKW2044
85
123
41.7
417
12
MSKW2043
82
127
100
1000
5
MSKW2042
78
10
6
106
120
1200
3.3
48
( 36 ~ 75 )
MSKW2041
85
246
{16.7
{167
{15
MSKW2037
85
245
{20.8
{208
{12
MSKW2036
82
254
{50
{500
{5
MSKW2035
85
245
33.3
333
15
MSKW2034
85
245
41.7
417
12
MSKW2033
82
254
100
1000
5
MSKW2032
78
15
15
212
120
1200
3.3
24
( 18 ~ 36 )
MSKW2031
83
503
{16.7
{167
{15
MSKW2027
83
501
{20.8
{208
{12
MSKW2026
80
521
{50
{500
{5
MSKW2025
83
502
33.3
333
15
MSKW2024
83
502
41.7
417
12
MSKW2023
80
521
100
1000
5
MSKW2022
76
25
45
434
120
1200
3.3
12
( 9 ~ 18 )
MSKW2021
% (Typ.)
mA (Typ.)
mA (Typ.)
mA (Typ.)
mA
mA
VDC
VDC
@Max. Load
@No Load
@Max. Load
Min.
Max.
Efficiency
Reflected
Ripple
Current
Input Current
Output Current
Output
Voltage
Input
Voltage
Model
Number
Model Selection Guide
# For each output
uF
100
100
100
680
680
680
680
Maximum Capacitive Load
Unit
{15V #
{12V #
{5V #
15V
12V
5V
3.3V
Models by Vout
Capacitive Load
350mA Slow - Blow Type
700mA Slow - Blow Type
1500mA Slow - Blow Type
48V Input Models
24V Input Models
12V Input Models
Input Fuse Selection Guide
Pi Filter
Input Filter
mW
3000
1000
---
Short Circuit Input Power
A
1
---
---
All Models
Reverse Polarity Input Current
34
31
28
48V Input Models
17
15
13
24V Input Models
8
7
6.5
12V Input Models
Under Voltage Shutdown
36
33
30
48V Input Models
18
16
14
24V Input Models
VDC
9
8
7.5
12V Input Models
Start Voltage
Unit
Max.
Typ.
Min.
Model
Parameter
Input Specifications
MSKW2000 Series
2
MINMAX
REV:5 2008/10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com