Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSKW2000 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MSKW2000
Description  5W 2:1 Wide Input Range SMD, Single & Dual Output DC/DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSKW2000 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MSKW2000 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSKW2000 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSKW2000 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSKW2000 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSKW2000 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MSKW2000 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MSKW2000 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MSKW2000 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LEVEL 2
IPC/JEDEC J-STD-20
Moisture Sensitivity Level (MSL)
TEMPERATURE
K Hours
---
---
1000
MIL-HDBK-217F @ 25], Ground Benign
MTBF
KHz
350
260
200
Switching Frequency
pF
750
650
---
100KHz,1V
Isolation Capacitance
M[
---
---
1000
500VDC
Isolation Resistance
VDC
---
---
1650
Flash Tested for 1 Second
Isolation Voltage Test
VDC
---
---
1500
60 Seconds
Isolation Voltage Rated
Unit
Max.
Typ.
Min.
Conditions
Parameter
General Specifications
Continuous
Output Short Circuit
%/]
{0.02
{0.01
---
Temperature Coefficient
%
{6
{2
---
Transient Response Deviation
uS
500
250
---
25% Load Step Change
Transient Recovery Time
%
165
140
115
Over Power Protection
mV rms.
15
---
---
Ripple & Noise (20MHz)
mV P-P
100
---
---
Over Line, Load & Temp
Ripple & Noise (20MHz)
mV P-P
85
50
---
Ripple & Noise (20MHz)
%
{1.0
{0.3
---
Io=20% to 100%
Load Regulation
%
{0.3
{0.1
---
Vin=Min. to Max.
Line Regulation
%
{2.0
{0.5
---
Dual Output, Balance Loads
Output Voltage Balance
%
{1.0
{0.5
---
Output Voltage Accuracy
Unit
Max.
Typ.
Min.
Conditions
Parameter
Output Specifications
Referenced to Negative Input
Control Common
uA
-300
---
---
Vin=Min. to Max.
Control Input Current ( off )
uA
-200
---
---
Vin=Min. to Max.
Control Input Current ( on )
mA
10
---
---
Device Standby Input Current
VDC
0.8
---
-0.7
Supply off
2.5 to 5.5 VDC or Open Circuit
Supply On
Unit
Max.
Typ.
Min.
Conditions
Parameter
Remote On/Off Control
Notes:
1. Specifications typical at Ta=+25], resistive load, nominal input voltage, rated output current unless otherwise noted.
2.Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%.
3. Ripple & Noise measurement bandwidth is 0-20 MHz.
4. These power converters require a minimum output loading to maintain specified regulation.
5. Operation under no-load conditions will not damage these modules; however, they may not meet all specifications listed.
6. All DC/DC converters should be externally fused at the front end for protection
7. Other input and output voltage may be available, please contact factory.
8. Specifications subject to change without notice.
9. It is not recommended to use water-washing processon SMT units.
MSKW2000 Series
REV:5 2008/10
MINMAX
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com