Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSLU103 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MSLU103
Description  1W, Miniature SMD, Single & Dual Output DC/DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSLU103 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MSLU103 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSLU103 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSLU103 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSLU103 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSLU103 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MSLU103 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MSLU103 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MSLU103 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Interanl SMD Construction
UL 94V-0 Package Material
Temperature Performance -25] to +75]
Output 3.3, 5, 12,15,9,{5,{12and {15VDC
Input 5,12 and 24VDC
Low Cost
MTBF > 2,000,000 Hours
1500VDC Isolation
Efficiency up to 80%
Key Features
1W, Miniature SMD, Single & Dual Output DC/DC Converters
Minmax's MSLU100 1W DC/DC's are in "gull-wing" SMT package, weigh a mere 1.7 grams and meet IPC/JEDEC J-STD-020C 4th & 5th chapter in
solder-reflow for lead free process.
The series consists of 24 models with input voltages of 5V, 12V and 24VDC which offers standard single output voltages of 3.3V, 5V, 9V,12V, 15V, {5V,
{12V and {15VDC for the choice.
Their impressive guaranteed efficiencies enable all models to deliver their fully rated output power from -25] to +75] without heat sinking or forced-air
cooling.
The MSLU100 series is an excellent selection for a wide variety of applications including data communication equipments, distributed power systems,
telecommunication equipments and industrial robot systems.
The MSLU100 units are available
in tape and reel package.
SMD
I/O Isolation
1500
VDC
Low Cost
$
Low Profile
Leadfree Reflow Solder Process as per IPC/JEDEC
J-STD-020C peak temp. 245C/10 sec.
Exceeding the absolute maximum ratings of the unit could cause damage.
These are not continuous operating ratings.
Free-Air Convection
Cooling
mW
450
---
Internal Power Dissipation
%
95
---
Humidity
]
260
---
Lead Temperature (1.5mm from case for 10 Sec.)
]
+125
-40
Storage Temperature
VDC
30
-0.7
24VDC Input Models
]
+90
-25
Case
Operating Temperature
VDC
18
-0.7
12VDC Input Models
]
+75
-25
Ambient
Operating Temperature
VDC
9
-0.7
5VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit
Max.
Min.
Conditions
Parameter
Unit
Max.
Min.
Parameter
Environmental Specifications
Absolute Maximum Ratings
MSLU100 Series
REV:10 2008/10
MINMAX
1


Similar Part No. - MSLU103

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MSLU103 MIC-MSLU103 Datasheet
277Kb / 5P
DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
logo
Total Power Internation...
MSLU103 TOTAL-POWER-MSLU103 Datasheet
419Kb / 5P
SMD Package with Industry Standard Pinout
More results

Similar Description - MSLU103

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NKA CANDD-NKA Datasheet
104Kb / 2P
Isolated Sub-Miniature 1W Dual Output DC-DC Converters
logo
Minmax Technology Co., ...
MSAU300 MINMAX-MSAU300 Datasheet
202Kb / 5P
1W, High Isolation SMD, Single & Dual Output DC/DC Converters
MAU100 MINMAX-MAU100 Datasheet
217Kb / 6P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
MSAU100 MINMAX-MSAU100 Datasheet
237Kb / 8P
1W, Miniature SMD, Single Output DC/DC Converters
MSAU200 MINMAX-MSAU200 Datasheet
243Kb / 8P
1W, Miniature SMD, Dual Output DC/DC Converters
MSLU300 MINMAX-MSLU300 Datasheet
178Kb / 6P
1W, High Isolation SMD, Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NKA MURATA-KDC_NKA Datasheet
145Kb / 4P
Isolated Sub-Miniature 1W Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D100 MPD-D100 Datasheet
200Kb / 2P
Single & Dual Output Miniature, 1W SIP DC/DC Converters
LF100D MPD-LF100D Datasheet
542Kb / 4P
Ultra-Miniature, 1W Dual Output SMT DC/DC Converters
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com