Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ4285LP Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ4285LP
Description  Enhanced RTC With NVRAM Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4285LP Datasheet(HTML) 1 Page - Texas Instruments

  BQ4285LP Datasheet HTML 1Page - Texas Instruments BQ4285LP Datasheet HTML 2Page - Texas Instruments BQ4285LP Datasheet HTML 3Page - Texas Instruments BQ4285LP Datasheet HTML 4Page - Texas Instruments BQ4285LP Datasheet HTML 5Page - Texas Instruments BQ4285LP Datasheet HTML 6Page - Texas Instruments BQ4285LP Datasheet HTML 7Page - Texas Instruments BQ4285LP Datasheet HTML 8Page - Texas Instruments BQ4285LP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Features
® Direct clock/calendar replace-
ment for IBM
® AT-compatible
computers and other applications
® 114 bytes of general nonvolatile
storage
® Enhanced features include:
- System wake-up capability—
alarm interrupt output active
in battery-backup mode
- 2.7–3.6V operation (bq4285L);
4.5–5.5V operation (bq4285E)
- 32kHz output for power
management
® Automatic backup and write-
protect control to external SRAM
® Functionally compatible with the
DS1285
® Less than 0.5
µA load under bat-
tery operation
® 14 bytes for clock/calendar and
control
® BCD or binary format for clock
and calendar data
® Calendar in day of the week, day
of the month, months, and years,
with automatic leap-year adjust-
ment
® Time of day in seconds, minutes,
and hours
- 12- or 24-hour format
- Optional daylight saving
adjustment
® Programmable square wave out-
put
® Three individually maskable in-
terrupt event flags:
- Periodic rates from 122µs to
500ms
- Time-of-day alarm once per
second to once per day
- End-of-clock update cycle
® 24-pin plastic DIP or SOIC
General Description
The CMOS bq4285E/L is a low-power
microprocessor peripheral providing a
time-of-day clock and 100-year calen-
dar with alarm features and battery
operation. Other features include
three maskable interrupt sources,
square wave output, and 114 bytes of
general nonvolatile storage.
A 32.768kHz output is available for
sustaining power-management activi-
ties. Wake-up capability is provided by
an alarm interrupt, which is active in
battery-backup mode.
The bq4285E/L write-protects the
clock, calendar, and storage registers
during power failure. A backup bat-
tery then maintains data and oper-
ates the clock and calendar.
The bq4285E/L is a fully compatible
real-time clock for IBM AT-
compatible computers and other ap-
plications. The only external compo-
nents are a 32.768kHz crystal and a
backup battery.
The
bq4285E/L
integrates
a
battery-backup controller to make a
1
28-Pin PLCC: No Longer Available
Pin Names
AD0–AD7
Multiplexed address/data
input/output
MOT
Bus type select input
CS
Chip select input
AS
Address strobe input
DS
Data strobe input
R/W
Read/write input
INT
Interrupt request output
RST
Reset input
SQW
Square wave output
BC
3V backup cell input
X1–X2
Crystal inputs
NC
No connect
CEIN
RAM chip enable input
CEOUT
RAM chip enable output
VOUT
Supply output
VCC
+5V supply
bq4285E/L
1
PN428501.eps
24-Pin DIP or SOIC
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
9
10
16
15
11
12
14
13
VCC
SQW
CEOUT
BC
INT
RST
DS
VSS
R/W
AS
CS
VOUT
X1
X2
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
VSS
CEIN
Pin Connections
Enhanced RTC With NVRAM Control
SLUS006A - MAY 1994 - REVISED MAY 2004


Similar Part No. - BQ4285LP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4285LP TI1-BQ4285LP Datasheet
1Mb / 31P
Enhanced RTC With NVRAM Control
More results

Similar Description - BQ4285LP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4285 TI-BQ4285 Datasheet
1Mb / 27P
Real-Time Clock RTC With NVRAM Control
BQ4287 TI-BQ4287 Datasheet
142Kb / 8P
Real-Time Clock Module With NVRAM Control
logo
Dallas Semiconductor
DS1500 DALLAS-DS1500 Datasheet
351Kb / 19P
Y2K Watchdog RTC with Nonvolatile Control
logo
Maxim Integrated Produc...
DS1500 MAXIM-DS1500 Datasheet
365Kb / 19P
Y2K Watchdog RTC with Nonvolatile Control
REV: 111705
DS1500 MAXIM-DS1500_11 Datasheet
547Kb / 20P
Y2K Watchdog RTC with Nonvolatile Control
Rev 11/11
logo
STMicroelectronics
M41T11 STMICROELECTRONICS-M41T11_11 Datasheet
231Kb / 30P
Serial real-time clock (RTC) with 56 bytes of NVRAM
11-Jun-2012
M41T56 STMICROELECTRONICS-M41T56_11 Datasheet
483Kb / 27P
Serial real-time clock (RTC) with 56 bytes NVRAM
06-Dec-2011
logo
Texas Instruments
BQ4287MT-SB2 TI-BQ4287MT-SB2 Datasheet
376Kb / 10P
Real-Time Clock Module With NVRAM Control
BQ4285 TI1-BQ4285_14 Datasheet
1Mb / 29P
Real-Time Clock (RTC) With NVRAM Control
BQ4285E TI1-BQ4285E_14 Datasheet
1Mb / 31P
Enhanced RTC With NVRAM Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com