Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ4285LP Datasheet(PDF) 19 Page - Texas Instruments

Part # BQ4285LP
Description  Enhanced RTC With NVRAM Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4285LP Datasheet(HTML) 19 Page - Texas Instruments

Back Button BQ4285LP Datasheet HTML 15Page - Texas Instruments BQ4285LP Datasheet HTML 16Page - Texas Instruments BQ4285LP Datasheet HTML 17Page - Texas Instruments BQ4285LP Datasheet HTML 18Page - Texas Instruments BQ4285LP Datasheet HTML 19Page - Texas Instruments BQ4285LP Datasheet HTML 20Page - Texas Instruments BQ4285LP Datasheet HTML 21Page - Texas Instruments BQ4285LP Datasheet HTML 22Page - Texas Instruments BQ4285LP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
19
Read/Write Timing—bq4285L (TA = TOPR, VCC = 3.15V ± 0.45%)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Notes
tCYC
Cycle time
270
-
-
ns
tDSL
DS low or RD/WR high time
135
-
-
ns
tDSH
DS high or RD/WR low time
90
-
-
ns
tRWH
R/W hold time
0
-
-
ns
tRWS
R/W setup time
15
-
-
ns
tCS
Chip select setup time
8
-
-
ns
tCH
Chip select hold time
0
-
-
ns
tDHR
Read data hold time
0
-
40
ns
tDHW
Write data hold time
0
-
-
ns
tAS
Address setup time
30
-
-
ns
tAH
Address hold time
15
-
-
ns
tDAS
Delay time, DS to AS rise
15
-
-
ns
tASW
Pulse width, AS high
50
-
-
ns
tASD
Delay time, AS to DS rise
(RD/WR fall)
55
-
-
ns
tOD
Output data delay time from DS
rise (RD fall)
-
-
100
ns
tDW
Write data setup time
50
-
-
ns
tBUC
Delay time before update
-
244
-
µs
tPI
Periodic interrupt time interval
----
See Table 3
tUC
Time of update cycle
-
1
-
µs
bq4285E/L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com