Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFD20 Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # AFD20
Description  Solid StateWaterflow Detectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

AFD20 Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  AFD20 Datasheet HTML 1Page - Systemsensor advanced ideas. AFD20 Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
System Sensor’s Accuflow™ T-Tap series is a new line of solid state waterflow
detectors designed for primary signaling in residential systems and branch line
signaling. These models fit 1” NPT tees including: 1”, 1-1/4” and 1-1/2” NPT
threaded ferrous and brass tees; 1”, 1-1/4”, 1-1/2” and 2” copper sweat tees;
1” CPVC tees; and 1-1/2” polybutylene tees. For 2” cast and malleable threaded
tees use 2” paddle (P02-0023-000) provided.
Robust Construction.
The Accuflow AFDT model consists of a rugged enclosure for
indoor and outdoor use. Like all System Sensor waterflow detectors, Accuflow mod-
els operate across a wide temperature range, from 32ºF to 120ºF (0°C to 49°C).
Reliable Performance.
Accuflow detectors incorporate a solid state retard to ensure
consistently accurate timing. Designed for use within conventional and addressable
fire alarm systems, Accuflow detectors include connections for both the panel or
addressable module, as well as a local bell or notification device.
False Alarm Immunity.
The solid state circuitry of the Accuflow series provides
greater timing accuracy over traditional mechanical retard designs. This accuracy
minimizes the risk of false alarms created by pressure surges or air trapped within
the sprinkler system.
Simplified Operation.
Accuflow detectors are designed to simplify installation. Wired
like traditional waterflow detectors, the Accuflow series does not require the installer
to run an additional third wire. Two conduit openings permit easy attachment to the
local alarm system.
Solid state retard assures precise
timing accuracy
Designed for use with 1” NPT
connections
Dipswitch selections simplify
retard settings
Non-polarized, two-wire design
allows connection to a local bell and
conventional or addressable systems
Terminals accommodate up to
12 AWG wire
Synchronized switches activate
both the alarm panel and local
bell simultaneously
Field-replaceable retard assembly
Product Overview
Accuflow™ T-Tap
Solid State
Waterflow Detectors
Replacement Par ts
WFDW
Cover wrench
546-9000
Cover tamper
switch kit
WFDN4
Gasket kit
PRK9
Paddle Kit
AFDPCBRK
Retard PCB kit
AFDT
AFDT (cover removed)
Models Available
AFDT
Water Flow Detector
AFDTH
Water Flow Detector
AFDTA
Water Flow Detector
(ULC/Candian)
AFDTHA
Water Flow Detector
(ULC/Candian)


Similar Part No. - AFD20

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AFD25 ARCH-AFD25 Datasheet
207Kb / 2P
Switching Power Module for PCB Mountable
AFD25-12S ARCH-AFD25-12S Datasheet
207Kb / 2P
Switching Power Module for PCB Mountable
AFD25-15S ARCH-AFD25-15S Datasheet
207Kb / 2P
Switching Power Module for PCB Mountable
AFD25-24S ARCH-AFD25-24S Datasheet
207Kb / 2P
Switching Power Module for PCB Mountable
AFD25-5.1S ARCH-AFD25-5.1S Datasheet
207Kb / 2P
Switching Power Module for PCB Mountable
More results

Similar Description - AFD20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA0161 STMICROELECTRONICS-TDA0161 Datasheet
125Kb / 6P
PROXIMITY DETECTORS
Apr-1993
logo
KODENSHI_AUK CORP.
HPI-14262 KODENSHI-HPI-14262 Datasheet
250Kb / 2P
Laser detectors
logo
Systemsensor advanced i...
AFDT SYSTEMSENSOR-AFDT Datasheet
88Kb / 2P
Solid State Waterflow Detectors
1806 SYSTEMSENSOR-1806 Datasheet
523Kb / 2P
SMOKE DETECTORS
2100S SYSTEMSENSOR-2100S Datasheet
77Kb / 4P
Smoke Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
VOLTAGE DETECTORS
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
Low Voltage Detectors Standard Voltage Detectors
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
VOLTAGE DETECTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com