Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP2 Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # SP2
Description  Selectable Output Wall Speaker/Strobes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

SP2 Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  SP2 Datasheet HTML 1Page - Systemsensor advanced ideas. SP2 Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3825 Ohio Avenue • St. Charles, IL 60174
Phone: 800-SENSOR2 • Fax: 630-377-6495
©2006 System Sensor.
Product specifications subject to change without notice. Visit systemsensor.com for
current product information, including the latest version of this data sheet.
A05-0339-007 • 7/06 • #1676
Reversible Strobe Feature
Removing the strobe screw and lifting the strobe assembly out of the rib slot
allows the strobe to be rotated 180° and remounted to the base resulting in a
left-mounted strobe configuration.
Selectable Output Speaker/Strobe Specifications
Architectural/Engineering Specifications
Speaker/Strobe shall be a System Sensor Model _____________ listed to UL 1480 and UL 1971 and be approved for fire protective signaling systems. Speaker
shall be capable of operating at 25.0 or 70.7 nominal Vrms, and shall have a frequency range of 400 – 4000 Hz. Speaker shall have power taps that are selected
by shunts. The strobe shall consist of a xenon flash tube with associated lens/reflector system and operate on either 12V or 24V. The strobe shall also feature
selectable candela output, providing options for 15 or 15/75 candela when operating on 12V and 15, 15/75, 30, 75, or 110 when operating on 24V. The strobe
shall comply with the Americans with Disabilities Act requirement for visible signaling appliances, flashing at 1 Hz over the strobe’s entire operating voltage range.
Physical Specifications
Dimensions
47⁄8˝ × 8¼˝ × 2¼˝
Mounting
4˝ × 4˝ × 21⁄8˝ back box
Indoor Operating Temperature
32°F to 120°F (0°C to 49°C)
Strobe Specifications
Strobe Operating Voltage
12 or 24 VDC and FWR unfiltered
Input Terminals
12 to 18 AWG
Operating Voltage Range
12V: 8–17.5V; 24V: 16–33V
Operating Voltage Range w/Sync•Circuit™ Module
12V: 9–17.5V; 24V: 17–33V
Speaker Specifications
Input Voltage
25.0 or 70.7 Vrms (nominal)
Input Terminals
12 to 18 AWG
Frequency Range
400–4000 Hz
The SP2 and SP3 Series are UL listed from 400 to 4000Hz. The SP2 Series will provide a flat (±10dB)
output from 100 to 15,000Hz. The SP3 Series will provide a flat (±10dB) output from 500 to 13,000 Hz.
Power Taps
¼, ½, 1 and 2 watts
U.S. Patent No.
6,049,446; 6,127,935
Sound Output (UL Reverberant @ 10ft.)
2 Watts
1 Watt
½ Watt
¼ Watt
SP2
84
81
78
75
SP3
89
87
84
81
Ordering Information/Current Draw
Description
Model No.
Candela Setting
UL Max. FWR Operating
Current–Strobe (mA RMS)
UL Max. DC Operating
Current–Strobe (mA RMS)
Red
White
8–17.5V
16–33V
8–17.5V
16–33V
Wall Speaker/Strobe
SP2R1224MC
SP3R1224MC
SP2W1224MC
SP3W1224MC
15
112
64
127
59
15/75
135
74
127
69
30
n/a
93
n/a
90
75
n/a
158
n/a
160
110
n/a
208
n/a
209
Accessories
BBS-SP2R
Surface-mount back box skirt, red
BBS-SP2W
Surface-mount back box skirt, white
INSERT SCREWDRIVER
TO REMOVE
LOCKING RIB
Explanation of Published Strobe
Specifications
In May 2004, Underwriters Laboratories changed standard UL 1971 to
require that operating current measurements are made using RMS (root
mean square) instead of peak or average values. RMS measurements more
accurately predict the power consumption of a device since they take into
account the entire current draw profile including surge, repetitive surge, and
peak values. The published RMS current is the maximum operating current of
that device within its operating voltage range. This current maximum may or
may not occur at the endpoints of the voltage range.
In May 2004, UL also changed the way they list the voltage range of a device.
All 12V products will be listed between 8–17.5V and all 24V products will
be listed between 16–33V. These devices are considered “regulated.” Any
product that does not operate within these ranges will be listed as a “special
application” with its operating voltage specified on the device.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com