Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP2 Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # SP2
Description  Selectable Output Wall Speaker/Strobes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

SP2 Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  SP2 Datasheet HTML 1Page - Systemsensor advanced ideas. SP2 Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Agency Listings
Selectable Output
Wall Speaker/Strobes
SP2 and SP3 Series Speaker/Strobes offer enhanced
features that include the widest range of candela
options available, the capability to self-adjust for 12
or 24 volt operation, and the fidelity sound quality
expected from SpectrAlert speaker technology.
Features
Fidelity sound quality (SP2)
Enhanced SPL (SP3)
Operates on either 12V or 24V
Widest range of candela options:
12V: 15 and 15/75 candela options
24V: 15, 15/75, 30, 75, and 110 candela options
Easy candela selection
25.0 and 70.7 volt speaker with four field-selectable power taps
Field-reversible strobe for left- or right-mounting
Synchronizable with MDL Sync•Circuit™ Module
Optional surface-mount back box skirt available
•
•
•
•
•
•
•
•
•
Performance. SpectrAlert® Selectable Output Speaker/Strobes offer
average current draws that are not only lower than conventional
fixed-candela SpectrAlert products, but also lower than similar
selectable candela products. In addition, the broad frequency
response range and low harmonic distortion provided by SpectrAlert
speaker technology provides an accurate and intelligible broadcast
of evacuation messages.
Installation. SpectrAlert Selectable Output Speaker/Strobes offer a
variety of installation-friendly features, such as the ability to mount to
a 4˝ × 4˝ × 21⁄8˝ back box without the need for an extension ring. Also,
with the field-reversible strobe, the speaker/strobe may be either
left- or right-mounted to avoid potential obstructions.
Flexibility. SpectrAlert Selectable Output Speaker/Strobes offer
the broadest range of candela options. In addition, the 15 cd and
15/75 cd options can operate on either 12V or 24V, with no setting
required; the device recognizes the applied voltage and self-adjusts
to the correct setting automatically. The speaker voltage, either 25.0
or 70.7, and power tap settings, ¼, ½, 1, or 2 watt, are field-selectable.
Aesthetics. SpectrAlert Selectable Output Speaker/Strobes
incorporate the same stylish, low profile design as the conventional
SpectrAlert products, for a consistent and aesthetically pleasing
appearance across the entire product line.
S4048


Similar Part No. - SP2

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
SP2 RFSOLUTIONS-SP2 Datasheet
706Kb / 2P
Low noise balanced input microphone preamplifier
logo
Grayhill, Inc
SP2 GRAYHILL-SP2 Datasheet
871Kb / 6P
Miniature Toggle Switches
logo
TE Connectivity Ltd
SP2 TEC-SP2 Datasheet
705Kb / 3P
Compact String Pot ??Incremental
logo
Radiometrix Ltd
SP2 RADIOMETRIX-SP2 Datasheet
309Kb / 12P
SpacePort Evaluation Kit
logo
Richco, Inc.
SP2-10-01 RICHCO-SP2-10-01 Datasheet
43Kb / 1P
SUPPORT POST, TPYE 2
More results

Similar Description - SP2

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
S1224MC SYSTEMSENSOR-S1224MC Datasheet
299Kb / 4P
Selectable Output Strobe and Horn Strobes
SP2R1224MCK SYSTEMSENSOR-SP2R1224MCK Datasheet
286Kb / 2P
Selectable Output Outdoor Wall Speaker/Strobes
CHR SYSTEMSENSOR-CHR Datasheet
411Kb / 4P
Selectable Output Chimes and Chime/Strobes
SPW SYSTEMSENSOR-SPW Datasheet
1Mb / 4P
Indoor Selectable Output Speaker Strobes and Dual Voltage Evacuation Speakers
SPWK SYSTEMSENSOR-SPWK Datasheet
2Mb / 4P
Outdoor Selectable Output Speaker Strobes and Dual Voltage Evacuation Speakers
SP2R2415 SYSTEMSENSOR-SP2R2415 Datasheet
178Kb / 2P
Wall Speaker Strobes
logo
Gamewell-FCI by Honeywe...
P1224MC GAMEWELL-FCI-P1224MC Datasheet
49Kb / 3P
SELECTABLE OUTPUT STROBES AND HORNS
72045 GAMEWELL-FCI-72045 Datasheet
324Kb / 2P
Speaker/Strobes
SP2R1224MC GAMEWELL-FCI-SP2R1224MC Datasheet
203Kb / 2P
Wall Speaker/Strobes
logo
Systemsensor advanced i...
PC2RK SYSTEMSENSOR-PC2RK Datasheet
569Kb / 4P
Outdoor Selectable- Output Strobes and Horn Strobes for Ceiling Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com