Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS241575ADAS Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # SS241575ADAS
Description  Synchronized Strobes with SyncCircuit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

SS241575ADAS Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  SS241575ADAS Datasheet HTML 1Page - Systemsensor advanced ideas. SS241575ADAS Datasheet HTML 2Page - Systemsensor advanced ideas. SS241575ADAS Datasheet HTML 3Page - Systemsensor advanced ideas. SS241575ADAS Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
A05-239-03
General Description
All Series SS24ADAS strobes are suitable for primary
signaling in public mode life safety applications. The
strobes can be connected to the alarm indicating circuit of
a UL listed fire alarm control panel. They are compatible
with DC line supervision. Panels may have full-wave
rectified, unfiltered power supplies. The strobes are
available for 24VDC operation and can be used with the
System Sensor Multi-Alert™ horn. Stand-alone strobe
versions incorporate these “installer easy” features: plug-
in terminal strip, wiring guide, and strip gauge (on back).
Semiflush mounting is available with the addition of an
MP-SF accessory plate. When installed in a zone, the
SS24ADAS and MASS24ADAS Series devices flash
simultaneously. Note: SS24ADAS and MASS24ADAS
Series devices operating in the same zone will not be
synchronized if energized at different times (i.e., if
more than one controller is controlling the same zone).
Sound Output Selection Guide
Multi-Alert Sounder – MA12/24D
Current (mA)
Sound Output (dBA)
Clips on
DC Regulated/FWR Unfiltered2
Average*
Peak*
UL (dBA) Ratings
Available Sounds
Tabs (ABC)1
24V
30V
24V
24V
24V
Slow Whoop
ABC
38/56
46/72
92
100
85
800 Hz continuous
(factory setting)
BC
28/45
35/55
93
99
85
800–1000 Hz Alternating
AC
34/46
43/58
92
98
85
2400 Interrupted
AB
35/56
43/64
90
98
85
2400 Continuous
C
38/59
46/73
94
104
85
1200 Interrupted
B
23/33
27/41
91
101
82
Swept Frequency
A
34/47
43/60
92
101
85
Fast Warble
None
30/47
38/59
92
100
85
Multi-Alert Sounder – MA12/24EH
Current (mA)
Sound Output (dBA)
Clips on
DC Regulated/FWR Unfiltered2
Average*
Peak*
UL (dBA) Ratings
Available Sounds
Tabs (ABC)1
24V
30V
24V
24V
24V
Fast Whoop
ABC
38/56
46/72
92
100
85
800 Hz Continuous
BC
28/45
35/55
93
99
85
800/1000 Hz Fast Dual
AC
34/46
43/58
92
98
85
Chirp
AB
35/56
43/64
90
98
85
2400 Hz Continuous
C
38/59
46/73
94
104
85
Bell
B
23/33
27/41
91
101
82
Laser
A
34/47
43/60
92
101
85
Electro-Mechanical
None
30/47
38/59
92
100
85
(factory setting)
* dBA measured in anechoic room at 10 feet. The acoustical output shall meet the current requirements of UL Standard 464.
1. See Tone Selection diagram below for tab clip removal and storage.
2. All models can be powered using uncoded full wave rectified, unfiltered supplies. Under no circumstances can SSADAS or MASSADAS input voltage exceed 33 VDC or be
less than 20 VDC.
CLIP
STORAGE
CLIPS REMOVED OR
ADDED TO SELECT
DESIRED TONE.
COVER SLOT
TAB A
TAB B
TAB C
FOR STORING UNUSED CLIPS:
SLIDE COVER BACK TO ALIGN COVER SLOT
WITH CLIP STORAGE POST.
SLIDE
COVER
FOR
CLIP
STORAGE
USE A
SMALL-
BLADED
SCREWDRIVER
TO REMOVE
CLIPS
TONE
SELECTION TABS
MA Sounder Tone Selection



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com