Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS241575ADAS Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # SS241575ADAS
Description  Synchronized Strobes with SyncCircuit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

SS241575ADAS Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  SS241575ADAS Datasheet HTML 1Page - Systemsensor advanced ideas. SS241575ADAS Datasheet HTML 2Page - Systemsensor advanced ideas. SS241575ADAS Datasheet HTML 3Page - Systemsensor advanced ideas. SS241575ADAS Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Models Available
SS2415ADAS Strobe with Sync•Circuit
SS241575ADAS Strobe with Sync•Circuit
MASS2415ADAS Sounder/Strobe with Sync•Circuit
MASS241575ADAS Sounder/Strobe with Sync•Circuit
SS24ADAS
Synchronized Strobes
with Sync•Circuit™
© System Sensor 8/96
This document is not intended to be used for installation purposes.
A05-239-03
APPROVED
A Division of Pittway
3825 Ohio Avenue, St. Charles, IL 60174
1-800-SENSOR2 (736-7672), Fax 630-377-6495
http://www.systemsensor.com
The SS24ADAS Series
Synchronized Strobes are crystal
controlled to flash at precisely one flash per second. When
power is applied to an indicating circuit controlled by one
controller, all SS24ADAS or MASS24ADAS series devices in
that zone will flash simultaneously. No synchronizing
modules or coded supplies are necessary. The strobes can
be used in any combination with other System Sensor
ADA strobes, ADA horn/strobes, and ADA speaker/
strobes.
The unique lens/reflector design maintains the UL 1971
light dispersement pattern while flashing at the ADA
minimum 1 flash per second. Available in red at 24 VDC,
the SS24ADAS strobes can be surface mounted directly to
a standard 4
″ backbox or can be mounted to our semi-
flush plate for recessed electrical boxes. They are also
available in combination with System Sensor Multi-Alert™
horns for both visible and audible signaling.
Features
• Works on two wire circuit
• No synchronization module required
• Synchronized and unsynchronized strobes can be
combined on the same zone in any combination
• Patent pending Sync•Circuit™
• 24 VDC versions only
• 15 and 15/75 cd versions available
• Available with Multi-Alert™ Sounder
• Constant current draw over voltage range
• Stand alone strobe mounts to single gang box with
MP-SF plate
• ADA compliant, UL 1971 listed
• Installer easy plug-in terminal strip
on stand-alone strobe
Specifications
Input terminals:
18 – 12 AWG
Shipping Weight:
SS-ADA Strobes:
5 oz. (141g)
MASS-ADA
Horn/Strobes:
10.4 oz. (293g)
Operating
Temperature Range:
32
°F to 120°F (0°C to 49°C)
Mounting:
Surface:
4
″ × 4″ × 11/2″ standard backbox
(21/8
″ recommended)
Semiflush:
4
″ × 4″ × 11/2″ standard backbox
(21/8
″ recommended) with
MP-SF semiflush mounting plate
(order separately)
Dimensions:
TOP
TOP
4
″
4
″
4
″
4
″
53/32
″
33/4
″
111/32
″
23/4
″
1/4
″
3
″
SS Series ADA
MASS Series ADA


Similar Part No. - SS241575ADAS

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS2412 SECELECTRONICS-SS2412 Datasheet
314Kb / 9P
CMOS High Sensitivity Micropower Hall Latch
SS2412ESOT SECELECTRONICS-SS2412ESOT Datasheet
314Kb / 9P
CMOS High Sensitivity Micropower Hall Latch
SS2412ESTT SECELECTRONICS-SS2412ESTT Datasheet
314Kb / 9P
CMOS High Sensitivity Micropower Hall Latch
SS2412EUA SECELECTRONICS-SS2412EUA Datasheet
314Kb / 9P
CMOS High Sensitivity Micropower Hall Latch
SS2412KSOT SECELECTRONICS-SS2412KSOT Datasheet
314Kb / 9P
CMOS High Sensitivity Micropower Hall Latch
More results

Similar Description - SS241575ADAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM211-Q1 TI-LM211-Q1 Datasheet
339Kb / 18P
DIFFERENTIAL COMPARATOR WITH STROBES
LM111 TI-LM111 Datasheet
506Kb / 25P
DIFFERENTIAL COMPARATORS WITH STROBES
logo
Systemsensor advanced i...
SC2415W SYSTEMSENSOR-SC2415W Datasheet
332Kb / 4P
Strobes and Horn Strobes
logo
Texas Instruments
LM111_1003 TI-LM111_1003 Datasheet
653Kb / 28P
DIFFERENTIAL COMPARATORS WITH STROBES
LM211-EP TI1-LM211-EP Datasheet
597Kb / 22P
DIFFERENTIAL COMPARATOR WITH STROBES
LM211P TI1-LM211P Datasheet
1Mb / 31P
DIFFERENTIAL COMPARATORS WITH STROBES
LM111 TI1-LM111_14 Datasheet
1Mb / 32P
DIFFERENTIAL COMPARATORS WITH STROBES
LM211-Q1 TI1-LM211-Q1_14 Datasheet
354Kb / 21P
DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP_14 Datasheet
820Kb / 24P
DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP_16 Datasheet
820Kb / 23P
DIFFERENTIAL COMPARATOR WITH STROBES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com