Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B210LP Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # B210LP
Description  Low-Profile Intelligent Combination Smoke Detector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

B210LP Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  B210LP Datasheet HTML 1Page - Systemsensor advanced ideas. B210LP Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
fIgURE 3. TyPICAL WIRINg DIAgRAM fOR 2-WIRE LOOP:
3
2
1
3
2
1
3
2
1
(–)
(+)
+-
CAUTION: DO NOT LOOP WIRE
UNDER TERMINAL 1 OR 2.
BREAK WIRE RUN TO PROVIDE
SUPERVISION OF CONNECTIONS.
CLASS A OPTIONAL WIRING
REMOTE
ANNUNCIATOR
(–)
(+)
C0129-00
TAMPER-RESISTANCE fEATURE
NOTE: Do NOT use the tamper-resistant capability if the XR2 or XR2B Re-
moval Tool will be used.
The Tamper Resistant Tab, in the Detector Mounting Bracket, can make the
detector tamper-resistant by making it necessary to use a small screwdriver or
similar tool to detach the detector from the base.
To make the detector tamper-resistant, use needle-nose pliers to break the
smaller tab at the scribed line on the tamper resistant tab. Figures 1 and 4A
show the location of this tab on the detector mounting bracket.
To remove the detector from the base after it has been made tamper resistant,
remove the decorative ring by rotating it in either direction and pulling it away
from the base. Then, insert a small screwdriver into the notch, as indicated
in Figure 4B, and press the plastic lever toward the mounting surface before
rotating the detector counterclockwise for removal.
REMOTE ANNUNCIATOR, MODEL RA400Z
Connect the remote annunciator between terminals 1 and 3 using the spade
lug terminal included. The spade lug terminal is connected to the base termi-
nal as shown in Figure 5.
It is not acceptable for three stripped wires to be under the same wiring termi-
nal unless they are separated by a washer or a lug like the spade lug supplied
with the model RA400Z. See Figure 5 for installation.
fIgURE 4A. ENABLINg ThE TAMPER-RESISTANT CAPABILITy:
PLASTIC LEVER
BREAK TAB AT DOTTED LINE BY
TWISTING TOWARD CENTER OF BASE
USE SMALL-BLADED SCREWDRIVER TO PUSH
PLASTIC LEVER IN DIRECTION OF ARROW
C0130-00
4B. REMOvINg ThE DETECTOR hEAD fROM ThE BASE:
PLASTIC LEVER
BREAK TAB AT DOTTED LINE BY
TWISTING TOWARD CENTER OF BASE
USE SMALL-BLADED SCREWDRIVER TO PUSH
PLASTIC LEVER IN DIRECTION OF ARROW
C0130-00
fIgURE 5. CONNECTION TO REMOTE ANNUNCIATOR TERMINAL:
STRIPPED WIRE
WIRE WITH SPADE LUG
C0116-00
D250-01-00
2
I56-0595-007R
©2008 System Sensor
ThREE-yEAR LIMITED WARRANTy
System Sensor warrants its enclosed smoke detector base to be free from defects in ma-
terials and workmanship under normal use and service for a period of three years from
date of manufacture. System Sensor makes no other express warranty for this smoke
detector base. No agent, representative, dealer, or employee of the Company has the au-
thority to increase or alter the obligations or limitations of this Warranty. The Company’s
obligation of this Warranty shall be limited to the repair or replacement of any part of the
smoke detector base which is found to be defective in materials or workmanship under
normal use and service during the three year period commencing with the date of manu-
facture. After phoning System Sensor’s toll free number 800-SENSOR2 (736-7672) for a
Return Authorization number, send defective units postage prepaid to: System Sensor,
Repair Department, RA #__________, 3825 Ohio Avenue, St. Charles, IL 60174. Please
include a note describing the malfunction and suspected cause of failure. The Company
shall not be obligated to repair or replace units which are found to be defective because
of damage, unreasonable use, modifications, or alterations occurring after the date of
manufacture. In no case shall the Company be liable for any consequential or incidental
damages for breach of this or any other Warranty, expressed or implied whatsoever, even
if the loss or damage is caused by the Company’s negligence or fault. Some states do not
allow the exclusion or limitation of incidental or consequential damages, so the above
limitation or exclusion may not apply to you. This Warranty gives you specific legal
rights, and you may also have other rights which vary from state to state.
Please refer to insert for the Limitations of Fire Alarm Systems



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com