Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B210LP Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # B210LP
Description  Low-Profile Intelligent Combination Smoke Detector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

B210LP Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  B210LP Datasheet HTML 1Page - Systemsensor advanced ideas. B210LP Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D250-01-00
1
I56-0595-007R
B210LP Plug-in Detector Base
INSTALLATION AND MAINTENANCE INSTRUCTIONS
3825 Ohio Avenue, St. Charles, Illinois 60174
1-800-SENSOR2, FAX: 630-377-6495
www.systemsensor.com
BEfORE INSTALLINg
Please thoroughly read the system wiring and installation manuals, and man-
ual System Smoke Detectors Application Guide, which provides detailed in-
formation on detector spacing, placement, zoning, and special applications.
Copies of these manuals are available from System Sensor or through a Sys-
tem Sensor distributor.
gENERAL DESCRIPTION
The B210LP is a plug in detector base intended for use in a 2-wire intelligent sys-
tem, with screw terminals provided for power (+ and –), and remote annuncia-
tor connections. Communication takes place over the power (+ and –) lines.
BASE TERMINALS
NO.
FUNCTION
1
Power (–), Remote Annunciator (–)
2
Power (+)
3
Remote Annunciator (+)
MOUNTINg
This detector base mounts directly to 31/2- and 4-inch octagon boxes, 4-inch
square boxes (with or without plaster rings) and single gang boxes. To mount,
remove the decorative ring by turning it in either direction to unhook the
snaps, then separate the ring from the base. Install the base on the box using
the screws supplied with the junction box and the appropriate mounting slots
in the base.
Place the decorative ring on the base and rotate it in either direction until it
snaps into place (see Figure 2).
INSTALLATION WIRINg gUIDELINES
All wiring must be installed in compliance with all applicable local codes
and any special requirements of the authority having jurisdiction, using the
proper wire size. The conductors used to connect smoke detectors to control
panels and accessory devices should be color-coded to reduce the likelihood
of wiring errors. Improper connections can prevent a system from responding
properly in the event of a fire.
For signal wiring (the wiring between interconnected detectors), it is recom-
mended that the wire be no smaller than AWG 18. However, the screws and
clamping plate in the base can accommodate wire sizes up to AWG 12. The
use of twisted pair wiring or shielded cable for the power (+ and -) loop is
recommended to minimize the effects of electrical interference.
If shielded cable is used, the shield connection to and from the detector must
be continuous by using wire nuts, crimping, or soldering, as appropriate for a
reliable connection.
Make electrical connections by stripping about 3/8 inch (10 mm) of insulation
from the end of the wire (use strip gauge molded in base), sliding the bare end
of the wire under the clamping plate, and tightening the clamping plate screw.
Do not loop the wire under the clamping plate.
The zone wiring of the detector base should be checked before the detector
heads are installed in them. The wiring should be checked for continuity and
polarity in the base, and dielectric tests should be performed.
The base includes a label for recording the zone, address, and type of detector
being installed. This information is important to set the address of the detector
head that will later be plugged into the base and to verify the type required
for that location.
SPECIfICATIONS
Diameter:
6.1 inches (155 mm)
Mounting:
4-inch (102 mm) square box with or without plaster ring; Minimum Depth - 1.5 inches (38 mm)
4-inch Octagon Box; Minimum Depth - 1.5 inches (38 mm)
31/2-inch Octagon Box; Minimum Depth - 1.5 inches (38 mm)
Single Gang Box; Minimum Depth - 1.5 inches (38 mm)
Operating Temperature Range:
Refer to applicable sensor Operating Temperature Range
using the Base/Sensor Cross Reference Chart at http:\\www.systemsensor.com
fIgURE 1. TERMINAL LAyOUT:
3
2
1
BASE
TERMINALS
TAMPER PROOF
TAB
C0127-00
fIgURE 2. MOUNTINg DETECTOR TO BOx:
SNAP ON
DECORATIVE
RING
SCREWS
(NOT SUPPLIED)
DETECTOR
BASE
BOX
(NOT SUPPLIED)
C0128-00


Similar Part No. - B210LP

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
B210LP SYSTEMSENSOR-B210LP Datasheet
492Kb / 2P
Intelligent Low Profile Plug-in Detectors
logo
Gamewell-FCI by Honeywe...
B210LP GAMEWELL-FCI-B210LP Datasheet
73Kb / 2P
Analog Addressable Laser Smoke Sensor
B210LP GAMEWELL-FCI-B210LP Datasheet
63Kb / 2P
Single-Ended Reflected Type Beam Smoke Sensor
B210LP GAMEWELL-FCI-B210LP Datasheet
64Kb / 2P
Advanced Multi-Criteria Detector with Four Unique Sensing Elements
logo
Systemsensor advanced i...
B210LP SYSTEMSENSOR-B210LP Datasheet
198Kb / 2P
200 Series Intelligent Low-Profile Plug-In Detectors
More results

Similar Description - B210LP

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
500SERIES SYSTEMSENSOR-500SERIES Datasheet
800Kb / 2P
Intelligent Duct Smoke Detector
7251 SYSTEMSENSOR-7251 Datasheet
206Kb / 2P
Low-Profile Plug-in Intelligent Laser Smoke Detector
DNR SYSTEMSENSOR-DNR Datasheet
1Mb / 4P
Intelligent Non-Relay Photoelectric Duct Smoke Detector
DH100P SYSTEMSENSOR-DH100P Datasheet
134Kb / 4P
2-Wire Low-Profile Duct Smoke Detector
FTX-P1 SYSTEMSENSOR-FTX-P1 Datasheet
79Kb / 2P
Intelligent Photoelectric Smoke Detector
DH100I SYSTEMSENSOR-DH100I Datasheet
205Kb / 4P
2-Wire Low-Profile Duct Smoke Detector
DH500ACDC SYSTEMSENSOR-DH500ACDC Datasheet
223Kb / 12P
Intelligent Air Duct Smoke Detector Housing
logo
Gamewell-FCI by Honeywe...
SS-I GAMEWELL-FCI-SS-I Datasheet
98Kb / 2P
Intelligent Addressable Plug-In Ionization Smoke Detector
SS-APT GAMEWELL-FCI-SS-APT Datasheet
100Kb / 2P
Multi-Sensor Smoke Detector Low-Profile, Intelligent, Addressable
BD-SS GAMEWELL-FCI-BD-SS Datasheet
371Kb / 4P
Intelligent beam smoke detector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com