Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5BAF-LPBE4-FC Datasheet(PDF) 2 Page - Frequency Devices, Inc.

Part # 5BAF-LPBE4-FC
Description  Differential Fixed Frequency Filters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

5BAF-LPBE4-FC Datasheet(HTML) 2 Page - Frequency Devices, Inc.

  5BAF-LPBE4-FC Datasheet HTML 1Page - Frequency Devices, Inc. 5BAF-LPBE4-FC Datasheet HTML 2Page - Frequency Devices, Inc. 5BAF-LPBE4-FC Datasheet HTML 3Page - Frequency Devices, Inc. 5BAF-LPBE4-FC Datasheet HTML 4Page - Frequency Devices, Inc. 5BAF-LPBE4-FC Datasheet HTML 5Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Low-Pass Butterworth
5BAF Series
Fixed Frequency
1 Hz to 100 kHz
1784 Chessie
Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
Model
5BAF-LPBU8
5BAF-LPBU6
5BAF-LPBU4
Product Specifications
Transfer Function
8-Pole Butterworth
6-Pole Butterworth
4-Pole Butterworth
Size
Std. 5B
Std. 5B
Std. 5B
Range fc
1.00 Hz to 100 kHz
1.00 Hz to 100 kHz
1.00 Hz to 100 kHz
Theoretical Transfer
Appendix A
Appendix A
Appendix A
Characteristics
Page 9
Page 8
Page 7
Passband Ripple
(theoretical)
0.0 dB
0.0 dB
0.0 dB
DC Voltage Gain
(non-inverting)
0 ± 0.1 dB typ
0 ± 0.1 dB typ
0 ± 0.1 dB typ.
Differential Gain
1 ± 0.3%
1 ± 0.3%
1 ± 0.3%
Stopband
Attenuation Rate
48 dB/octave
36 dB/octave
24 dB/octave
Accuracy fc
± 2% max.
± 2% max.
± 2% max.
Phase
-360°
-270°
-180°
Filter Attenuation
(theoretical)
0.12 dB
0.80 fc
0.29 dB
0.80 fc
0.67 dB
0.80 fc
3.01 dB
1.00 fc
3.01 dB
1.00 fc
3.01 dB
1.00 fc
60.0 dB
2.37 fc
60.0 dB
3.16 fc
60.0 dB
5.62 fc
80.0 dB
3.16 fc
80.0 dB
4.46 fc
80.0 dB
10.00 fc
Impedance
1.0 M
Ω min.
1.0 M
Ω min.
1.0 M
Ω min.
Com. Mode
Voltage Range
± 20 V
± 20 V
± 20 V
Com. Mode Rejection
Ratio @ 1 kHz
<-70 dB min.
<-70 dB min.
<-70 dB min.
Linear Voltage Range
± 10 V peak
± 10 V peak
± 10 V peak
Max. Safe Voltage
(Power ON or OFF)
± 40 V
± 40 V
± 40 V
Narrow Band Noise
(5 Hz – 100 kHz)
50 µVrms max.
50 µVrms max.
50 µVrms max.
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com