Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5BAF-LPBE4-FC Datasheet(PDF) 5 Page - Frequency Devices, Inc.

Part # 5BAF-LPBE4-FC
Description  Differential Fixed Frequency Filters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

5BAF-LPBE4-FC Datasheet(HTML) 5 Page - Frequency Devices, Inc.

  5BAF-LPBE4-FC Datasheet HTML 1Page - Frequency Devices, Inc. 5BAF-LPBE4-FC Datasheet HTML 2Page - Frequency Devices, Inc. 5BAF-LPBE4-FC Datasheet HTML 3Page - Frequency Devices, Inc. 5BAF-LPBE4-FC Datasheet HTML 4Page - Frequency Devices, Inc. 5BAF-LPBE4-FC Datasheet HTML 5Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5BAF Series
Pin-Out, Package Data
And Order Information
Specifications
We hope the information given here will be helpful. The information is based on data and our best knowledge, and we consider the information to be true and accurate. Please read all statements,
recommendations or suggestions herein in conjunction with our conditions of sale which apply to all goods supplied by us. We assume no responsibility for the use of these statements,
recommendations or suggestions, nor do we intend them as a recommendation for any use which would infringe any patent or copyright.
IN-005BAF-03
1784 Chessie
Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
5
Analog Input Characteristics
1
See transfer function specifications.
Analog Output Characteristics
1,2
Impedance (Closed Loop)
<1
Ω typ.
10
Ω max.
Linear Operating Range
±10V pk
Maximum Current
±2.0mA
Offset Voltage
±3mV typ.
Offset Temp. Coeff.
±100
µV/°C
Gain Drift
± 30 ppm/°C
Output Load
3
See note 3
Power Supply (±Vs)
Rated Voltage
+ 5V ± 0.5 Vdc
Quiescent Current
Typ.
Max.
8P
113mA 150mA
6P
101mA 127mA
4P
75mA
98mA
Temperature
Operating
-25 to + 85°C
Storage
-40 to + 85°C
Notes:
1. Input and output signal voltage referenced to
I/O COM.
2. Output is short circuit protected to common.
DO NOT CONNECT TO +5V or POWER COM.
3. Output can drive a series 1.5 k
Ω resistor and
0.0022
µF capacitor without slew rate limiting
with a ± 10 V square wave input.
4.
How to specify Corner Frequencies:
Corner frequencies are specified by attaching a
three digit frequency designator to the basic
model number. Corner frequencies can range
from 1 Hz to 50 kHz.
2.250
(57.2)
0.590
(15.0)
2.250
(57.2)
0.100 (2.5)
0.150 (3.8)
0.250 (6.3)
0.375
(9.5)
1.175
(29.8)
1.605
(41.9)
0.590
(15.0)
SOCKET
for
0.038 PIN
INSERT
for
3mm
SCREW
0.525 (12.9)
0.150
(3.8)
0.350
(8.6)
0.075
(1.8)
typ
2.250
(57.2)
0.275 (6.7)
0.375 (9.2)
0.475 (11.6)
0.375 (9.5)
5BAF - LPBU6
6 Pole Butterworth Filter
20.0 kHz
Made in the USA
5BAF
Filter Series
Dimensions in inches (mm)
Pin Designations
Bottom View
NA
22
Vout
20
NA
18
POWER COM
16
INHI
6
NA
4
NA
2
23
NA
21
NA
19
I/O COM
17
+ 5V
5
INLO
3
NA
1
NA
Package Data
5BAF-LPBE6-fc
LP - Lowpass
HP - Highpass
# of Poles
4, 6, 8
Ordering Information
0.0022
µF
1.5 k
Ω
Corner Frequency4
1 Hz to 100 kHz
BE - Bessel-LP Only
BU - Butterworth



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com