Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

90IP Datasheet(PDF) 1 Page - Frequency Devices, Inc.

Part # 90IP
Description  smartSLOT Technology
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

90IP Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  90IP Datasheet HTML 1Page - Frequency Devices, Inc. 90IP Datasheet HTML 2Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
90IP and 90IPB
Instrumentation Platform
LabWindows/CVI
TM Driver with
RS-232/GPIB Interface
smartSLOT Technology
90IP Description
The 90IP (AC Powered) and 90IPB (External
Battery Operated, 12V DC) Instrumentation
Platforms are four slot chassis with controller that
may be used as a bench-top instrument or in rack-
mount systems. Each 90IP and 90IPB chassis
has its own controller card and display providing
both hard and soft front panel addressability along
with space for up to 4 slot cards. The soft front
panel allows GPIB or RS-232 communication to
load pre-stored setup configurations. Each slot
card has its own micro-controller to automatically
configure the controller display when installing a
slot card (smartSLOT Technology). Up to 32 of
these multiple-channel instruments may be daisy
chained and addressed from a PC interface to
meet the needs of high channel count
applications.
All 90IP’s provide a carrier for a full range of
products that will include:
• Programmable Filters from 0.1 Hz to 300 kHz
• Programmable Instrumentation Amplifiers
• Bridge Conditioning
• Arbitrary Waveform Generators
90IP and 90IPB Features
• AC or External Battery (12V DC) powered
models available for a broad range of
applications.
• The half-rack chassis allows for use in bench
top or rack-mount applications utilizing the
90RM rack-mount shelf.
• Complete computer control through the GBIB
or RS-232 interface.
• Soft LabWindows/CVITM front panel for ease of
use.
• FDI’s smartSLOT Technology to maximize
system flexibility
90RM – 19” Rack-Mount Shelf
90PF Features
• Large number of filter options
• Adjustable frequencies from 0.10 Hz to 256 kHz
• 60 dB pre & 20 dB post gain
• <-100 dB Noise & Distortion
• Input noise < 12 nV/ Hz
• DC offset, factory set with fine adjustment on
board.
• BNC I/O provides differential input and single
ended output per channel.
90PGA Features
• Selectable single-ended or differential
input, AC or DC coupled.
• Gain/phase matched channels
• LED clipping indicators
• Memory storage for up to 9 set-
ups/channel
• Input noise 12 nV/ Hz typ.
• Programmable gain, to 64.5 dB in 0.5 dB
steps.
• Input protection to 150 Volts P-P
• Outputs able to drive full range into 50 Ω.
1
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com


Similar Description - 90IP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7319TRPBF IRF-IRF7319TRPBF Datasheet
229Kb / 10P
GenarafionV Technology
IRF7328TRPBF IRF-IRF7328TRPBF Datasheet
175Kb / 8P
Trench Technology
logo
M/A-COM Technology Solu...
28970-BRF-001-A MA-COM-28970-BRF-001-A Datasheet
308Kb / 2P
AutoBaud Technology
logo
International Rectifier
IRF7663TR IRF-IRF7663TR Datasheet
82Kb / 7P
Trench Technology
IRF7530TR IRF-IRF7530TR Datasheet
105Kb / 8P
Trench Technology
IRF7241PBF IRF-IRF7241PBF_15 Datasheet
176Kb / 9P
Trench Technology
logo
IK Semicon Co., Ltd
IK2107DW IKSEMICON-IK2107DW Datasheet
297Kb / 17P
CMOS Technology
logo
List of Unclassifed Man...
SFC4000 ETC2-SFC4000 Datasheet
436Kb / 15P
CMOSens technology
logo
Shenzhen Titan Micro El...
TM1628 TITAN-TM1628 Datasheet
418Kb / 14P
CMOS Technology
logo
Schneider Electric
AP9620 SCHNEIDER-AP9620 Datasheet
90Kb / 2P
Legacy Communications SmartSlot Card
Jan 12, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com