Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

90IP Datasheet(PDF) 2 Page - Frequency Devices, Inc.

Part # 90IP
Description  smartSLOT Technology
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

90IP Datasheet(HTML) 2 Page - Frequency Devices, Inc.

  90IP Datasheet HTML 1Page - Frequency Devices, Inc. 90IP Datasheet HTML 2Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
90IP and 90IPB
Instrumentation Platform
Specifications
(@ 25
oC and Rated Power Input)
2
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com
Electrical
90IP
Line Voltage
115 or 230 VAC
Power Consumption
1.0 Amps max.
90IPB
Power Input Voltage
12V DC
Power Consumption
7.5 Amps max.
Power
90 Watts
Physical
Height
5.25 inches, 13.34 cm
Width
8.625 inches, 21.91 cm
Depth
14 inches, 35.56 cm
Weight (Chassis and
Controller only)
8.60 pounds,
3.90 Kilograms
Mounting
Bench Top or
19” Rack mount
Environmental
Operating Temperature +32ºF to +104ºF,
0ºC to +40ºC
Storage Temperature
-13ºF to +131ºF,
-25ºC to +55ºC
Relative Humidity
95% max.,
non-condensing
Altitude
Up to 15,000 feet,
4500 meters
Ordering Information
90IP - AC Powered
90IPB – External 12V DC Battery Powered



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com