Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

900CT Datasheet(PDF) 7 Page - Frequency Devices, Inc.

Part # 900CT
Description  Tunable Active Filter Instrument
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

900CT Datasheet(HTML) 7 Page - Frequency Devices, Inc.

Back Button 900CT Datasheet HTML 3Page - Frequency Devices, Inc. 900CT Datasheet HTML 4Page - Frequency Devices, Inc. 900CT Datasheet HTML 5Page - Frequency Devices, Inc. 900CT Datasheet HTML 6Page - Frequency Devices, Inc. 900CT Datasheet HTML 7Page - Frequency Devices, Inc. 900CT Datasheet HTML 8Page - Frequency Devices, Inc. 900CT Datasheet HTML 9Page - Frequency Devices, Inc. 900CT Datasheet HTML 10Page - Frequency Devices, Inc. 900CT Datasheet HTML 11Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Models 900CT & 900BT
8 Pole
Single Channel –
Certified
Low Pass Filters
7
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com
Model
900L8D80
900L8D10
Filter Specifications
Transfer Function
8-Pole, 6 zero
Constant Delay
8-Pole, 6 zero
Constant Delay
Range fc
0.1 Hz to 49.9 kHz
0.1 Hz to 49.9 kHz
Theoretical Transfer
Characteristics
Appendix A
Page 21
Appendix A
Page 22
Tuning Resolution
1 part in 499
within each decade
1 part in 499
within each decade
Passband Ripple
0.15 dB
0.15 dB
Pass Band Voltage
Gain
(non-inverting
)
0
± 0.1 dB typ.
0
± 0.2 dB max.
0
± 0.1 dB typ.
0
± 0.2 dB max.
Stopband Attenuation
-80 dB typ.
-100 dB typ.
Cutoff Frequency
fc
±2% max.
fc
±2% max.
Accuracy
±0.5% typ.
±2% max.
±0.5% typ.
±2% max.
Stability
±0.01%/°C typ.
±0.02%/°C max.
±0.01%/°C typ.
±0.02%/°C max.
Amplitude
-3 dB
-3 dB
Phase
-306
°
-311
°
Filter Attenuation
3.01 dB
1.00 fc
3.01 dB
1.00 fc
(theoretical)
60.0 dB
3.08 fc
80.0 dB
4.45 fc
80.0 dB
3.57 fc
100.0 dB
5.20 fc
Total Harmonic
Distortion @ 1 kHz
<-90 dB typ.
<-88 dB typ.
Wide Band Noise
(5 Hz – 2 MHz)
200
µV
rms typ.
200
µV
rms typ.
Narrow Band Noise
(5 Hz – 100 kHz)
50
µV
rms typ.
50
µV
rms typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com