Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

900CT Datasheet(PDF) 3 Page - Frequency Devices, Inc.

Part # 900CT
Description  Tunable Active Filter Instrument
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

900CT Datasheet(HTML) 3 Page - Frequency Devices, Inc.

  900CT Datasheet HTML 1Page - Frequency Devices, Inc. 900CT Datasheet HTML 2Page - Frequency Devices, Inc. 900CT Datasheet HTML 3Page - Frequency Devices, Inc. 900CT Datasheet HTML 4Page - Frequency Devices, Inc. 900CT Datasheet HTML 5Page - Frequency Devices, Inc. 900CT Datasheet HTML 6Page - Frequency Devices, Inc. 900CT Datasheet HTML 7Page - Frequency Devices, Inc. 900CT Datasheet HTML 8Page - Frequency Devices, Inc. 900CT Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Models 900CT & 900BT
Model 900 Series
Single Channel –
Certified
Initial Setup Procedure
3
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com
Initial Setup
Select desired operating voltage 115 Vac
or 230 Vac. See note "Q" on Page 5.
Set the POWER ON/OFF Switch to ON.
A continuously lit POWER lamp indicates
proper internal DC voltages, an essential
requirement for battery-powered models.
Allow
the
instrument
a
three-minute
warm-up
period
to
achieve
thermal
equilibrium.
To
perform
initial
adjustment
and/or
operational testing, set the remaining front
panel controls as follows:
a)
The
three
base
CORNER
FREQUENCY
switches
and
the
MULTIPLIER
to
the
desired
corner
frequency…
b) The OFFSET control to approximately
mid-range…
c) The GAIN switch to the desired value…
d) The BYPASS switch to OUT…
e) The INPUT switch to ground ( ).
Connect a dc-coupled oscilloscope, of
vertical sensitivity 10mV/CM or better, or
a digital voltmeter (DVM) to the instrument
front panel BNC connector labeled OUT.
Set the OFFSET control for a zero-volt
reading on the scope or DVM.
Subsequent
changes
of
CORNER
FREQUENCY and GAIN control settings
will introduce a small dc output offset,
which
should
be
zeroed
for
critical
applications.
Leaving all other controls unchanged, set
the Input Switch to (A-B) and apply a
5Vdc signal simultaneously to input BNCs
(A) and (B). The voltage measured at the
OUT BNC should be 5 - 5 = 0 Vdc. This
completes
preliminary
test
and
adjustment.
Corner Frequency Selection
To select a corner frequency, simply set
the CORNER FREQUENCY switches and
the MULTIPLIER switch for the desired
numerical value.
The
CORNER
FREQUENCY
switch
weightings
follow
standard
decimal
positional conventions.
The B, C and D switches combined can
select
base
corner
frequency
values
ranging from 1 to 499 Hz in 1 Hz steps
with switch weightings as just described.
The accuracy of the corner frequency is
improved by selecting the largest possible
base frequency and down scaling by the
MULTIPLIER.
The greatest accuracy is
obtained with the largest base 400, and
the 0.1X MULTIPLIER switch setting.
Relative accuracy of selected 40 Hz
actual corner frequency for different
multiplier switch settings.
BASE
FREQ
X
MULT
Msd
B
C
D
Lsd
E
RELATIVE
TUNING ACCURACY
4
0
0
0.1X
GREATEST
0
4
0
1X
LESS
0
0
4
10X
LEAST
The differential input
The instrument input utilizes a differential
input amplifier to reject prevalent forms of
electrical interference, while presenting
desirable
input
characteristics
to
the
signal source requiring filtering.
The
differential input configuration is ideal for
measuring the difference between two
values rather than the values themselves.
Bridge
circuits
utilizing
strain
gages,
thermocouples and a variety of other
types of transducers generate differential
full-scale output voltages in the order of
millivolts that are often superimposed
upon
volt-level
reference
and
noise
values.
AC POWER SUPPLY
OR
INTERNAL BATTERIES
B
FILTER/
BYPASS
OUTPUT
AMPLIFER
GAIN = K
OUT
COUPLED
POWER LINE
NOISE VOLTAGE
V
B
R
SB
SIGNAL
COMMON
V
P
V
A
V
CM
RSA
INPUT SIGNAL AND
NOISE VOLTAGE SOURCES
A
(+)
(-)
R
CM+
+
R
D
R
CM-
-
DIFF
AMP
20d
B
10d
B
0d
*
Vo = K(VA - VB) + Vcm/CMRR : WHERE
K = 1, 10 AND 10 FOR GAIN SETTINGS
OF 0, 10 AND 20dB RESPECTIVELY.
SEE TEXT FOR REMAINING TERMS.
DENOTES FRONT PANEL ACCESS
The importance of CMRR
In actual system environments, each
signal and power return conductor can
generate
an
interference
voltage
proportional
to
the
net
conductor
resistance and the electrical current level.
Any such interference voltages appear as
common mode signals to the amplifier,
and are rejected as such.
B
(
-)
(+)
+Vs
COM
-Vs
DIFFERENTIAL
INPUT AMPLIFIER
SIGNAL
COMMON
*
Circuit model illustrating the relationship between a filter’s differential
input and amplifier and external signal and error sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com