Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D70L4B Datasheet(PDF) 13 Page - Frequency Devices, Inc.

Part # D70L4B
Description  DIP Filters 8-, 6-, 4-Pole Filters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D70L4B Datasheet(HTML) 13 Page - Frequency Devices, Inc.

Back Button D70L4B Datasheet HTML 6Page - Frequency Devices, Inc. D70L4B Datasheet HTML 7Page - Frequency Devices, Inc. D70L4B Datasheet HTML 8Page - Frequency Devices, Inc. D70L4B Datasheet HTML 9Page - Frequency Devices, Inc. D70L4B Datasheet HTML 10Page - Frequency Devices, Inc. D70L4B Datasheet HTML 11Page - Frequency Devices, Inc. D70L4B Datasheet HTML 12Page - Frequency Devices, Inc. D70L4B Datasheet HTML 13Page - Frequency Devices, Inc. D70L4B Datasheet HTML 14Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
High-Pass
6-Pole
Appendix A
Butterworth
28
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com Web Address: http://www.freqdev.com
(sec)
Normalized Frequency(f/fc)
Theoretical Transfer Characteristics
1
Frequency Response
0.1
1.0
10.0
2
3 4 5 6 78
2
3 4 5 6 7
-100
-80
-60
-40
-20
0
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.85
0.90
0.95
1.00
1.20
1.40
1.60
1.80
2.00
2.50
3.00
4.00
5.00
6.00
7.00
8.00
9.00
10.0
0.00
0.00
0.00
0.00
0.00
0.00
-0.00
-0.00
-0.00
-0.00
0.00
-4.55
-3.01
-0.46
-0.08
-0.02
-26.6
-18.6
-11.9
-9.05
-6.57
-120
-83.9
-62.7
-47.8
-36.1
518
496
473
450
425
400
373
342
325
307
288
270
209
172
147
128
115
90.4
74.8
55.8
44.5
37.0
31.7
27.7
24.6
22.2
0.025
0.017
0.013
0.010
0.008
0.006
0.219
0.171
0.105
0.071
0.039
1.033
1.005
0.660
0.417
0.291
0.731
0.803
0.911
0.970
1.017
0.617
0.624
0.637
0.656
0.685
1.Normalized Group Delay:
The above delay data is normalized to a corner frequency
of 1.0Hz.The actual delay is the normalized delay divided
by the actual corner frequency (fc).
Actual Delay =
Normalized Delay
Actual Corner Frequency (fc) in Hz
f/fc
(Hz)
Amp
(dB)
Phase
(deg)
Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com