Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D70L4B Datasheet(PDF) 4 Page - Frequency Devices, Inc.

Part # D70L4B
Description  DIP Filters 8-, 6-, 4-Pole Filters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D70L4B Datasheet(HTML) 4 Page - Frequency Devices, Inc.

  D70L4B Datasheet HTML 1Page - Frequency Devices, Inc. D70L4B Datasheet HTML 2Page - Frequency Devices, Inc. D70L4B Datasheet HTML 3Page - Frequency Devices, Inc. D70L4B Datasheet HTML 4Page - Frequency Devices, Inc. D70L4B Datasheet HTML 5Page - Frequency Devices, Inc. D70L4B Datasheet HTML 6Page - Frequency Devices, Inc. D70L4B Datasheet HTML 7Page - Frequency Devices, Inc. D70L4B Datasheet HTML 8Page - Frequency Devices, Inc. D70L4B Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Fixed Frequency
D70 Series
8-, 6-, 4-Pole
High-Pass Filters
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
4
1. Phase Match and Amplitude Accuracy are within ±2% max., ±1% typ. of the theoretical transfer characteristics.
Model
D70H8B
D70H6B
D70H4B
Product Specifications
Transfer Function
8-Pole, Butterworth
6-Pole, Butterworth
4-Pole, Butterworth
Size
0.84” x 0.65” x 0.31”
0.84” x 0.65” x 0.31”
0.65” x 0.51” x 0.31”
Range fc
100 Hz to 50 kHz
100 Hz to 50 kHz
100 Hz to 50 kHz
Theoretical Transfer
Appendix A
Appendix A
Appendix A
Characteristics
Page 29
Page 28
Page 27
Passband Ripple
0.0 dB
0.0 dB
0.0 dB
(theoretical)
Voltage Gain
0 ± 0.02 dB typ.
0 ± 0.02 dB typ.
0 ± 0.02 dB typ.
(non-inverting)
Power Bandwidth
120 kHz
120 kHz
120 kHz
Small Signal Bandwidth
(-6dB) 1 MHz
(-6dB) 1 MHz
(-6dB) 1 MHz
Stopband
Attenuation Rate
48 dB/octave
36 dB/octave
24 dB/octave
Cutoff Frequency
fc
± 2% max.
fc
± 2% max.
fc
± 2% max.
Stability
± 0.02% /°C
± 0.02% /°C
± 0.02% /°C
Amplitude
-3 dB
-3 dB
-3 dB
Phase
-360°
-270°
-180°
Filter Attenuation
80 dB
0.31 fc
80 dB
0.21 fc
80 dB
0.10 fc
(theoretical)
60 dB
0.42 fc
60 dB
0.32 fc
60 dB
0.18 fc
3.01 dB
1.00 fc
3.01 dB
1.00 fc
3.01 dB
1.00 fc
00.0 dB
2.00 fc
00.0 dB
2.50 fc
00.0 dB
4.0 fc
Phase Match1
Amplitude Accuracy1
(theoretical)
Total Harmonic
Distortion @ 1 kHz
< -80 dB
< -80 dB
< -80 dB
Wide Band Noise
400
mVrms typ.
400
mVrms typ.
400
mVrms typ.
(20 Hz - 4 MHz)
Narrow Band Noise
100
mVrms typ.
100
mVrms typ.
100
mVrms typ.
(20 Hz - 100 kHz)
Filter Mounting
Assembly
FMA-01A
FMA-01A
FMA-01A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com