Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPPDM-01 Datasheet(PDF) 2 Page - Frequency Devices, Inc.

Part # SPPDM-01
Description  Dual Channel, Differential Input FIR Filter Platform
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

SPPDM-01 Datasheet(HTML) 2 Page - Frequency Devices, Inc.

  SPPDM-01 Datasheet HTML 1Page - Frequency Devices, Inc. SPPDM-01 Datasheet HTML 2Page - Frequency Devices, Inc. SPPDM-01 Datasheet HTML 3Page - Frequency Devices, Inc. SPPDM-01 Datasheet HTML 4Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPPDM-01
DSP Solutions
Dual Channel, Differential Input
with Analog Input/Output
FIR Filter Platform
2
25 Locust St., Haverhill, Massachusetts 01830
• Tel: 800/252-7074, 978/374-0761 • FAX:978/521-1839
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com
Typical Program Selection Port Protocol
Data Format
• Logic “0”
0VDC Min – 2VDC Max
• Logic “1”
3.5VDC Min – 5Vdc Max
Bit Weighting (Binary Coded)
D0
LSB
D7 or D8
MSB
Program Selection:
8-Bit: 256 filters with different FIR algorithms on
each channel
9-Bit: 512 filters with the same FIR algorithm on
each channel.
8 - Bit Programming Table
MSB
---
---
---
---
---
---
LSB
Bit
Weight
2
7
D7
2
6
D6
2
5
D5
2
4
D4
2
3
D3
2
2
D2
2
1
D1
2
0
D0
Program
address
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
1
2
0
0
0
0
0
0
1
1
4
0
0
0
0
0
1
1
1
8
0
0
0
0
1
1
1
1
16
0
0
0
1
1
1
1
1
32
0
0
1
1
1
1
1
1
64
0
1
1
1
1
1
1
1
128
1
1
1
1
1
1
1
1
256
1.
The program selection data word bus consists of D0 to
D7 for 8 - bit programming.
2. The channel selection bit is D8. For D8, Channel 1 is
“0” and Channel 2 is “1”.
9 - Bit Programming Table
MSB
---
---
---
---
---
---
---
LSB
Bit
Weight
2
8
D8
2
7
D7
2
6
D6
2
5
D5
2
4
D4
2
3
D3
2
2
D2
2
1
D1
2
0
D0
Program
address
0
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
1
2
0
0
0
0
0
0
0
1
1
4
0
0
0
0
0
0
1
1
1
8
0
0
0
0
0
1
1
1
1
16
0
0
0
0
1
1
1
1
1
32
0
0
0
1
1
1
1
1
1
64
0
0
1
1
1
1
1
1
1
128
0
1
1
1
1
1
1
1
1
256
1
1
1
1
1
1
1
1
1
512
1.
The program selection data word bus consists of D0 to
D8 for 9 - bit programming.
2. The channel selection bit is D9. For D9, Channel 1 is
“0” and Channel 2 is “1”.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com