Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPPDM-01 Datasheet(PDF) 3 Page - Frequency Devices, Inc.

Part # SPPDM-01
Description  Dual Channel, Differential Input FIR Filter Platform
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

SPPDM-01 Datasheet(HTML) 3 Page - Frequency Devices, Inc.

  SPPDM-01 Datasheet HTML 1Page - Frequency Devices, Inc. SPPDM-01 Datasheet HTML 2Page - Frequency Devices, Inc. SPPDM-01 Datasheet HTML 3Page - Frequency Devices, Inc. SPPDM-01 Datasheet HTML 4Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPPDM-01
DSP Solutions
Dual Channel, Differential Input
with Analog Input/Output
FIR Filter Platform
3
25 Locust St., Haverhill, Massachusetts 01830
• Tel: 800/252-7074, 978/374-0761 • FAX:978/521-1839
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com
Performance Specifications
Available bandwidth
Bandwidth
DC to 20 kHz
100 Hz to 20 kHz
Frequency Accuracy
<
±0.05 %
Amplitude Accuracy at
unity gain.
<
±0.1 dB
Total Broad Band Noise
(Ref to input 7 VRMS)
< -96dB Max
Total Harm. Dist.(THD)
(10V peak to peak
)
Maximum FIR tap
number for filter design
<-96 dB Max. to 20 kHz
300 taps
Channel to Channel
phase tracking
<
±0.1°
Cross talk dual channel
version with different
signals on each channel
DC to 20K <-100 dB Typ.
Temperature
Operating
0 to +70oC
Storage
-25 to +85oC
Size
2.0” x 2.0” x 0.5”
Specifications
(@25
°C and Vs = ±15 Vdc)
Analog Input Characteristics
Maximum Input Impedance
1.0 M
Ω
Input voltage
±10 V peak
Analog Output Characteristics
Minimum load Impedance
10 k
Ω
Maximum capacitive load
50 pF
Output voltage
±10 V peak
Offset Voltage
2 mV Typ., 10mV Max.
Power Supply (±Vs)
Analog Vs range
±12Vdc Min to ±15 Vdc Max.
Analog supply current at Max. Vs
70 mA Typ.
Digital PS Voltage
+5 Vdc
Digital supply current
370 mA Typ.
Power consumption at Max. Vs
4.0 watts Typ.
Care must be taken to stay above the
minimum Vs in order to maintain the
linearity and distortion performance of the
DSP platform.
See SPPDF-01 User’s Manual, Appendix C for the
Field Programmability Design Guidelines and Schematic
.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com