Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPPOSC Datasheet(PDF) 1 Page - Frequency Devices, Inc.

Part # SPPOSC
Description  2??X 2??Oscillators: Dual Channel & Quadrature
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

SPPOSC Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  SPPOSC Datasheet HTML 1Page - Frequency Devices, Inc. SPPOSC Datasheet HTML 2Page - Frequency Devices, Inc. SPPOSC Datasheet HTML 3Page - Frequency Devices, Inc. SPPOSC Datasheet HTML 4Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPPOSC Series
2” X 2”
(Low Distortion) 1 Hz to 102.4 kHz
Oscillators: Dual Channel
8 or 9-Bit Frequency Selectable
& Quadrature
Description
The SPPOSC Series is a compact, dual channel,
phase continuous, DSP based, programmable sine
wave generator with analog outputs and 8 or 9 bits of
frequency selection. All SPPOSC-01 platforms are
small, low profile, easy to use signal generators, which
require no external components and can cover the
audio/ultrasonic bandwidth from 1 Hz to 102.4 kHz in
several standard and custom frequency ranges.
SPPOSC’s use a fixed point DSP with 32-bit math, 24-
bits of resolution and dual channel DACs. Noise floor
and distortion are typically –100dB to 20 kHz and < –
80 dB to 100 kHz.
Features/ Benefits:
•
Available in a single, dual or quadrature (0.1
°
phase stability) form factor, SPPOSC oscillators
with up to 512 tuning steps insure design flexibility
in a compact 2” x 2” footprint while minimizing
board space requirements.
•
This
plug-in,
turnkey
signal
source,
with
a
standard or custom algorithm, allows product
designers to incorporate various precision on-
board
programmable
signal
generators
in
a
standard pin-out and form factor thereby reducing
design time while maximizing design flexibility.
•
When used in conjunction with the SPPDB-01
development board, SPPOCS signal generators
require minimal set-up time to provide low noise
and distortion signals for laboratory evaluation or
precision field installations.
Applications
•
Low distortion signal source for ATE systems
•
Sound and vibration testing
•
Quadrature
signal
generator:
sine
/
cosine,
standard or custom.
•
Tone generation in speech and hearing analysis,
research, pathology
Digital
Filters
Digital
Signal
Processor
Program
memory
EE-Prom
Dual D/A
Converters
3 wire digital
output bus
Frequency
select bus
Exam ple
Quadrature Oscillator
Analog I/O
Analog
Filters
Sine
Cosine
Σ ∆
Σ ∆
OSCILLATOR SOFTWARE SELECTION GUIDE
SPPOSC-01
Low Frequency Ranges
SWDO-01
Dual Chl. Prog. Osc. 1 Hz - 256 Hz, 1 Hz Steps
SWDO-02
Dual Chl. Prog. Osc. 10 Hz - 2.56 kHz, 10 Hz Steps
SWQO-01
Quadrature Prog. Osc. 1 Hz - 512 Hz, 1 Hz Steps
SWQO-02
Quadrature Prog. Osc. 10 Hz - 5.12 kHz, 10 Hz Steps
SWSO-01
Same Prog. Dual Chl. Osc. 1 Hz - 512 Hz, 1 Hz Steps
SWSO-02
Same Prog. Dual Chl. Osc. 10 Hz - 5.12 kHz, 10 Hz Steps
SPPOSC-02
High Frequency Ranges
SWDO-03
Dual Chl. Prog. Osc. 100 Hz - 25.6 kHz,100 Hz Steps
SWDO-04
Dual Chl. Prog. Osc. 200 Hz - 51.2 kHz, 200 Hz Steps
SWDO-05
Dual Chl. Prog. Osc. 400 Hz - 102.4 kHz, 400 Hz Steps
SWQO-03
Quadrature Prog. Osc. 100 Hz - 51.2 kHz, 100 Hz Steps
SWQO-04
Quadrature Prog. Osc. 200 Hz - 102.4 kHz, 200 Hz Steps
SWSO-03
Same Prog. Dual Chl. Osc. 100 Hz - 51.2 kHz, 100 Hz Steps
SWSO-04
Same Prog. Dual Chl. Osc. 200 Hz - 102.4 kHz, 200 Hz Steps
CUSTOM SW
Custom Frequency Ranges
SWDO-CXX
Custom Dual Chl. Prog. Oscillator
SWQO-CXX
Custom Quadrature Prog. Oscillator
SWSO-CXX
Custom Same Prog. Dual Chl. Oscillator
1
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com


Similar Part No. - SPPOSC

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
SPP WELWYN-SPP Datasheet
109Kb / 2P
General Purpose Wirewound Resistors
logo
TT Electronics.
SPP TTELEC-SPP Datasheet
409Kb / 3P
Lower ranges available - contact factory
SPP TTELEC-SPP Datasheet
510Kb / 3P
Fibre Core Conformal Coated Wirewound Resistor
logo
KITAGAWA GmbH
SPP KGS-SPP Datasheet
460Kb / 1P
Spiral tube to bundle and protect cables
logo
Frequency Devices, Inc.
SPP-01 FREQUENCYDEVICES-SPP-01 Datasheet
731Kb / 4P
Dual Channel, Differential Input Signal Processing Platform
More results

Similar Description - SPPOSC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK417-130 SANYO-STK417-130 Datasheet
139Kb / 3P
2-Channel High Effiency AF Power Amplifier 50W x 2 ~ 100W X 2
logo
Recom International Pow...
REC20-123.3SRWB RECOM-REC20-123.3SRWB Datasheet
89Kb / 2P
20 Watt 2??x 2??Single, Dual & Triple Output
RP40-243.3SGW RECOM-RP40-243.3SGW Datasheet
78Kb / 4P
40 Watt 2??x 2??Single & Dual Output
logo
Tyco Electronics
JH-6-4 MACOM-JH-6-4 Datasheet
172Kb / 2P
Quadrature Hybrid, 2 - 32 MHz
logo
Maxim Integrated Produc...
MAX9390 MAXIM-MAX9390_07 Datasheet
180Kb / 14P
Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 2; 5/07
logo
M/A-COM Technology Solu...
JH-6-4 MA-COM-JH-6-4 Datasheet
69Kb / 2P
Quadrature Hybrid, 2 - 32 MHz
logo
SELEC Controls Pvt. Ltd
XC200NX SELEC-XC200NX Datasheet
150Kb / 1P
Multi Function, Quadrature Input 2 Setpoints
logo
List of Unclassifed Man...
CD1622CB ETC2-CD1622CB Datasheet
345Kb / 7P
110mw X 2 Dual-channel audio power amplifier
CD2025 ETC2-CD2025 Datasheet
198Kb / 4P
2.3W x 2 dual-channel audio power amplifier
CD2025CP ETC2-CD2025CP Datasheet
154Kb / 4P
2.3W X 2 Dual-channel audio power amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com