Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPPOSC Datasheet(PDF) 2 Page - Frequency Devices, Inc.

Part # SPPOSC
Description  2??X 2??Oscillators: Dual Channel & Quadrature
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

SPPOSC Datasheet(HTML) 2 Page - Frequency Devices, Inc.

  SPPOSC Datasheet HTML 1Page - Frequency Devices, Inc. SPPOSC Datasheet HTML 2Page - Frequency Devices, Inc. SPPOSC Datasheet HTML 3Page - Frequency Devices, Inc. SPPOSC Datasheet HTML 4Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPPOSC Series
2” X 2”
(Low Distortion) 1 Hz to 102.4 kHz
Oscillators: Dual Channel
8 or 9-Bit Frequency Selectable
& Quadrature
2
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com
Frequency Selection Data Port
Data Format
•
Logic “0”
0VDC Min – 2VDC Max
•
Logic “1”
3.5VDC Min – 5Vdc Max
Bit Weighting (Binary Coded)
D0
LSB
D7 or D8 (for 9-bits)
MSB
Frequency: 256:1 (8-bit dual),
or 512:1 (9-bit single)
____________________________________________
1.
The frequency selection data word bus consists of
D0 to D7 for 8-bit programming and D0 to D8 for 9-bit
programming.
2.
For dual Channel 8-Bit programming D8 is Channel
Select and requires a minimum of 21 µsecs set-up
time at a logic “1”, 5volts for channel 2 or logic “0”, 0
volts, for Channel 1
3.
For an 8-bit dual channel unit, the Program enable
or “Latch pin” is D9. To enable a program change,
this pin must be pulled to a logic high “1” or 5 volts.
If the pin is low, a frequency change will not be read
and the channels will continue to run the previous
values.
4.
The D0 – D9 bus data are checked simultaneously.
New frequency selection data must be present or
updated at the time Channel select occurs to be
valid. The Program enable or “Latch” pin must be
high. While the latch pin is high, the Frequency data
must remain on the bus until the user applies the
next frequency change. The pins do not float during
programming! The frequency ports are polled by the
system every 21 µseconds. Within 21 µsecs of
programming, if the latch goes low, the programmed
values are retained and the pins may float.
D9
Enable/Latch
D8
Ch Sel
9-Bit Programming Table
MSB
---
---
---
---
---
---
---
LSB
Bit
Weight
2
8
D8
2
7
D7
2
6
D6
2
5
D5
2
4
D4
2
3
D3
2
2
D2
2
1
D1
2
0
D0
fc
Corner
Frequency
0
0
0
0
0
0
0
0
0
fmax/512
0
0
0
0
0
0
0
0
1
fmax/256
0
0
0
0
0
0
0
1
1
fmax/128
0
0
0
0
0
0
1
1
1
fmax/64
0
0
0
0
0
1
1
1
1
fmax/32
0
0
0
0
1
1
1
1
1
fmax/16
0
0
0
1
1
1
1
1
1
fmax/8
0
0
1
1
1
1
1
1
1
fmax/4
0
1
1
1
1
1
1
1
1
fmax/2
1
1
1
1
1
1
1
1
1
fmax
8-Bit Programming Table
MSB
---
---
---
---
---
---
LSB
Bit
Weight
2
7
D7
2
6
D6
2
5
D5
2
4
D4
2
3
D3
2
2
D2
2
1
D1
2
0
D0
fc
Corner
Frequency
0
0
0
0
0
0
0
0
fmax/256
0
0
0
0
0
0
0
1
fmax/128
0
0
0
0
0
0
1
1
fmax/64
0
0
0
0
0
1
1
1
fmax/32
0
0
0
0
1
1
1
1
fmax/16
0
0
0
1
1
1
1
1
fmax/8
0
0
1
1
1
1
1
1
fmax/4
0
1
1
1
1
1
1
1
fmax/2
1
1
1
1
1
1
1
1
fmax
Tsu
21 µsecs min
DATA VALID
D0 to D7
Frequency
Select



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com