Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VM8DAC Datasheet(PDF) 1 Page - Frequency Devices, Inc.

Part # VM8DAC
Description  Low Noise Digital to Analog Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

VM8DAC Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  VM8DAC Datasheet HTML 1Page - Frequency Devices, Inc. VM8DAC Datasheet HTML 2Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Model VM8DAC
Low Noise
8 Channel VME Module
Digital to Analog Converter
VM8DAC VMEbus digital to analog converter
(DAC) boards from Frequency Devices Inc. offer
eight channels of precision low distortion/low
noise, digital to analog converters that operate
with a sample clock frequency derived from a
master external clock and a programmable time
base divider. The boards are available in a single
width B-size (6U) VME form factor that conforms
to VMEbus Revision C.1 as an A32/D32 Data
Transfer Bus Slave.
VM8DAC boards provide high (24-bit) and low
(16-bit)
resolution
data
access
to
on-board
DAC’s. The boards interpret the received parallel
data from the VMEbus as binary-2’s complement.
This data is serialized and transferred to any
selected DAC channel at a fixed master time
base where it is converted to analog signals at a
software programmable sampling rate. The DAC
channels may be configured to 16,384, 8,192,
4,096, or 2,048 samples per second.
Features/Benefits
• Eight discrete channels with programmable
sampling that provide a 24- bit DAC stage for
each channel offers the user versatile and
convenient digital to analog conversion.
• Outputs synchronized to the front panel
external
clock
allow
for
multi-card
synchronicity.
• Designed for Real Time Operating Systems
(RTOS) to provide minimal pipeline delay
(less than 5 microseconds). i.e. Linux or Vx
Works.
• Interrupt free operation provides glitch energy
of <5nV-sec and extremely low noise density
(ï100nV/ Hz ).
• VME backplane is galvanically isolated from
the
analog
section
to
reduce
system
integration problems.
VM8DAC Ordering Guide
To order, simply specify the part number below.
VM8DAC-8
1
25 Locust St., Haverhill, Massachusetts 01830
• Tel: 800/252-7074, 978/374-0761 • FAX:978/521-1839
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com


Similar Part No. - VM8DAC

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
VM800C FTDI-VM800C Datasheet
1Mb / 22P
Embedded Video Engine Credit Card Board
VM800C35A-D FTDI-VM800C35A-D Datasheet
1Mb / 22P
Embedded Video Engine Credit Card Board
VM800C35A-N FTDI-VM800C35A-N Datasheet
1Mb / 22P
Embedded Video Engine Credit Card Board
VM800C43A-D FTDI-VM800C43A-D Datasheet
1Mb / 22P
Embedded Video Engine Credit Card Board
VM800C43A-N FTDI-VM800C43A-N Datasheet
1Mb / 22P
Embedded Video Engine Credit Card Board
More results

Similar Description - VM8DAC

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1256 BURR-BROWN-ADS1256 Datasheet
427Kb / 39P
Very Low Noise, 24-Bit Analog-to-Digital Converter
ADS1232 BURR-BROWN-ADS1232 Datasheet
166Kb / 10P
Ultra Low-Noise, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
ADC1121 AD-ADC1121 Datasheet
2Mb / 6P
Low Power Analog to Digital Converter
logo
Texas Instruments
TL507 TI1-TL507 Datasheet
118Kb / 7P
ANALOG-TO-DIGITAL CONVERTER
ADS7804 TI1-ADS7804 Datasheet
940Kb / 19P
ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
ANALOG-TO-DIGITAL CONVERTER
ADS1255 TI1-ADS1255 Datasheet
1,000Kb / 45P
Very Low Noise, 24-Bit Analog-to-Digital Converter
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com