Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VM8DAC Datasheet(PDF) 2 Page - Frequency Devices, Inc.

Part # VM8DAC
Description  Low Noise Digital to Analog Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

VM8DAC Datasheet(HTML) 2 Page - Frequency Devices, Inc.

  VM8DAC Datasheet HTML 1Page - Frequency Devices, Inc. VM8DAC Datasheet HTML 2Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model VM8DAC
Specifications
8 Channel Low Noise
25oC and Rated Power Input
Digital to Analog Converter
2
25 Locust St., Haverhill, Massachusetts 01830
• Tel: 800/252-7074, 978/374-0761 • FAX:978/521-1839
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com
Module Size/Dimensions
1. Standard 6U VME, single slot module
9.17” X 6.3”, (233mm X 160 mm)
2. Weight
~ 1 lb.
Connectors
3. Input clock connector
Lemo EPG.OB.302.HLN
4. Analog output connector
Male DB25
5. Matching output connector
Female DB25
External Clock Input
6. Configuration
Differential, TTL compatible
7. Isolation
Transformer isolated
8. Frequency
2
22 Hz (4.194305 MHz)
Analog Output
9. Number of channels per board
8
10. Analog output configuration
Differential
11. Minimum output load
500 ohm
12. Maximum output voltage
+/- 10V into 10 k
Ω
13. Output amplifier 3 dB bandwidth
>50KHz
14. Output impedance
50
Ω per leg
15. Anti-image filter
None
16. Inter-channel crosstalk
< -90dB
(frequencies less than 50KHz)
DAC Specifications
17. Number of bits
24 bits
18. Binary number format
Binary 2’s complement
19. Sampling rate
16,384, 8192, 4096, 2048 samples per second
20. Bipolar zero error
±2% F.S. maximum
21. Bipolar zero error drift
± 5 ppm of FS/ °C
22. Glitch energy
< 5nV-sec
23. Output-referred noise
<100nV/ Hz
(40 Hz to 8192 Hz with FS 1000 Hz sine wave)
24. Amplitude match and accuracy
± 0.1 dB
25. Harmonic spikes
<-100 dB
(referred to a full scale output signal )
26. Output settling time to 1%
< 5 microseconds
(From output clock edge)
Power Requirements
27. From the + 5V VME backplane supply
1.0 A Max.
28. From the +/- 12V VME backplane supply
1.0 A
VME Interface
29. Interface configuration
A32/D32 VME Data Transfer Bus (DTB) Slave
30. Address modifier lines decoding
Full decode (0x09, 0x0A, 0x0D, and 0x0E valid)
31. Data word size
Long word (Quad Byte) and aligned word (Double Byte)
32. Bus cycle compatibility
AO, RMW, bus cycles address pipelining
33. Addressing modes
A32 (Extended) addressing only
Environmental
34. Operating Temperature range
0oC to +70oC
35. Storage Temperature range
-25oC to +85oC
36. Humidity
0-95% non-condensing
We hope the information given here will be helpful. The information is based on data and our best knowledge, and we consider the information to be true and accurate. Please read all statements, recommendations or
suggestions herein in conjunction with our conditions of sale, which apply, to all goods supplied by us. We assume no responsibility for the use of these statements, recommendations or suggestions, nor do we intend
them as a recommendation for any use, which would infringe any patent or copyright.
VM8DAC 022004



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com