Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VM32FF Datasheet(PDF) 1 Page - Frequency Devices, Inc.

Part # VM32FF
Description  Fixed Frequency VME Filter Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

VM32FF Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  VM32FF Datasheet HTML 1Page - Frequency Devices, Inc. VM32FF Datasheet HTML 2Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
25 Locust St, Haverhill, Massachusetts 01830 • Tel: 800/252-7074, 978/374-0761 • FAX: 978/521-1839
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
32 Channel
Model VM32FF
Fixed Frequency
VME Filter Board
LOW-PASS FILTER OPTIONS
2-pole
D72, DP72
4-pole
D74, DP74
HIGH-PASS FILTER OPTIONS
2-pole
D72
4-pole
D74
Description
Frequency Devices model VM32FF comprises a
family of VMEbus filter boards offering 32 channels of
fixed frequency, linear analog filtering in a single width
B-sized (6U) form factor. VM32FF boards receive up
to 32 high level differential signal inputs through a
shielded front panel connector and provide signal
buffering and unity gain for each channel (optional -
customer specified gain). Boards may be configured
with 2-pole D72 or 4-pole D74 filters from 1.0 Hz to
100.0 kHz, and with high-pass or low-pass (anti-alias)
transfer functions allowing user to externally cascade
filters into band-pass configurations. Each channel
provides low harmonic distortion and wide signal-to-
noise ratio to 12 bit resolution.
Features/Benefits:
• Simultaneous access over 32 channels offers a
low cost, versatile and convenient way to provide
amplification and filtering.
• Interchannel crosstalk <-80 dB provides precision
performance solutions to design engineers,
system integrators and OEM's.
• 2- and 4-pole Butterworth or Bessel transfer
functions with a broad range of corner frequencies
are offered to meet a wide range of applications.
• High channel count density without sacrificing
performance maximizes chassis utilization.
Signal conditioning applications include:
• Industrial process control
• Engine test and simulation
• Acoustic, vibration analysis & control
• Satellite and telecommunications
• Automatic test equipment (ATE)
• Aerospace, navigation & sonar
• Automotive test cells


Similar Part No. - VM32FF

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
VM32PA FREQUENCYDEVICES-VM32PA Datasheet
224Kb / 2P
Programmable Amplifier VME Board
VM32PA-16 FREQUENCYDEVICES-VM32PA-16 Datasheet
224Kb / 2P
Programmable Amplifier VME Board
VM32PA-32 FREQUENCYDEVICES-VM32PA-32 Datasheet
224Kb / 2P
Programmable Amplifier VME Board
VM32PA-8 FREQUENCYDEVICES-VM32PA-8 Datasheet
224Kb / 2P
Programmable Amplifier VME Board
VM32PA-8-PGA5-100-A FREQUENCYDEVICES-VM32PA-8-PGA5-100-A Datasheet
224Kb / 2P
Programmable Amplifier VME Board
More results

Similar Description - VM32FF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DL400 ETC-DL400 Datasheet
100Kb / 6P
VME Basismodul
logo
Monolithic Power System...
EV1518DG-00A MPS-EV1518DG-00A Datasheet
167Kb / 3P
Fixed Frequency WLED Driver Evaluation Board
logo
Frequency Devices, Inc.
VM8PF FREQUENCYDEVICES-VM8PF Datasheet
254Kb / 2P
Programmable VME Filter Board
VM16FFFA FREQUENCYDEVICES-VM16FFFA Datasheet
188Kb / 2P
Fixed Frequency Filter with Selectable Gain VME Board
VM2.0PAFF FREQUENCYDEVICES-VM2.0PAFF Datasheet
795Kb / 2P
Programmable Amplifiers with Fixed Frequency Filters >100 kHz to 2.0 MHz VME Board
VM32PA FREQUENCYDEVICES-VM32PA Datasheet
224Kb / 2P
Programmable Amplifier VME Board
VM32PA2.0 FREQUENCYDEVICES-VM32PA2.0 Datasheet
233Kb / 2P
Programmable Amplifier >100 kHz to 2.0 MHz VME Board
VM32PAFF FREQUENCYDEVICES-VM32PAFF Datasheet
263Kb / 2P
Programmable Amplifiers with Fixed Frequency Filters VME Board
VM300PAFF FREQUENCYDEVICES-VM300PAFF Datasheet
259Kb / 2P
Programmable Amplifiers with Fixed Frequency Filters VME Board
logo
Monolithic Power System...
EVHFC0310-S-00A MPS-EVHFC0310-S-00A Datasheet
464Kb / 10P
Fixed-Frequency Flyback Converter EV Board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com