Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VM32FF Datasheet(PDF) 2 Page - Frequency Devices, Inc.

Part # VM32FF
Description  Fixed Frequency VME Filter Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

VM32FF Datasheet(HTML) 2 Page - Frequency Devices, Inc.

  VM32FF Datasheet HTML 1Page - Frequency Devices, Inc. VM32FF Datasheet HTML 2Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
(@ 25°C and rated Power Input)
Model VM32FF
Fixed Frequency
VME Filter Board
25 Locust St, Haverhill, Massachusetts 01830 • Tel: 800/252-7074, 978/374-0761 • FAX: 978/521-1839
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
2
We hope the information given here will be helpful. The information is based on data and our best knowledge, and we consider the information to be true and accurate. Please read all statements,
recommendations or suggestions herein in conjunction with our conditions of sale which apply to all goods supplied by us. We assume no responsibility for the use of these statements,
recommendations or suggestions, nor do we intend them as a recommendation for any use which would infringe any patent or copyright.
PR-VM32FF-02
32 CHANNEL VME SIGNAL CONDITIONING BOARD
Analog Input
1. Impedance
1 G
W//15pF
2. Maximum Input
±10V pk linear
3. Over Voltage Protection
±60 V
4. Common Mode Rejection
75 dB min. @ 60 Hz
Analog Output
5. Impedance
0.1
W typ., 1.0W max
6. Linear Operating Range
±10V pk
7. Channel to Channel Crosstalk
<-80 dB @ 10 kHz
8. Maximum Current
±2.0mA
9. Offset Voltage
±10mV max.
10. Offset Temp. Coeff.
20
mV/°C
11. Short Circuit Protection
Short to Ground
12. Peak Distortion @ 1 kHz, 3.54 Vrms
80dBc max.
13. In-band Spectral Noise, Gain of X500
230nV/√ Hz
Filter Characteristics
14. See D72 or D74 Series Specifications
15. Cut-off Frequency fc (-3dB)
Fixed frequency from 1 Hz to 100 kHz
Gain
16. Nominal Gain
1X
17. Accuracy
± 1.0%
(optional)
10X, 100X, 1000X, Contact factory for other gain options
Power Supply
18. From VME Backplane
+12V and -12V, ±5%, 0.9A max. each, no load
19. Isolation
Analog ground may be isolated from
VME and chassis ground by jumper
Environmental
20. Operating
0°C to +70°C
21. Storage
-25°C to +85°C
22. Humidity
0 - 95% non-condensing
Mechanical
23. Card Size
VMEbus 6U single slot 9.17 x 6.3 inches, (233 x 160 mm)
24. No. of Input Channels
32 Differential - DC coupled Two groups of 16
25. No. of Output Channels
32 Single Ended - DC coupled
26. Mating Connectors
Input: Female high denisty 62-pin D-sub
Output: Male high density 44-pin D-sub
27. Weight
1.5 LB2., (681 grams)
Ordering Information
8, 16 or 32 Channels
VM32FF-32-D74L4B-100 kHz - 100
Filter Type and Corner Frequency
D72, DP72, D74, DP74
Optional Gain
10, 100, 1000



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com