Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4007-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4007-1
Description  4A, High Efficiency, Li-Ion Battery Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4007-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC4007-1 Datasheet HTML 1Page - Linear Technology LTC4007-1 Datasheet HTML 2Page - Linear Technology LTC4007-1 Datasheet HTML 3Page - Linear Technology LTC4007-1 Datasheet HTML 4Page - Linear Technology LTC4007-1 Datasheet HTML 5Page - Linear Technology LTC4007-1 Datasheet HTML 6Page - Linear Technology LTC4007-1 Datasheet HTML 7Page - Linear Technology LTC4007-1 Datasheet HTML 8Page - Linear Technology LTC4007-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LTC4007-1
40071f
(Note 1)
Voltage from DCIN, CLP, CLN to GND ....... + 32V/– 0.3V
PGND with Respect to GND .................................
±0.3V
CSP, BAT to GND ....................................... +28V/– 0.3V
CHEM, 3C4C, RT to GND .............................. +7V/–0.3V
NTC ............................................................ +10V/– 0.3V
ACP, SHDN, CHG, FLAG,
FAULT, LOBAT, ICL .............................................. + 32V/–0.3V
CLP to CLN ...........................................................
±0.5V
Operating Ambient Temperature Range
(Note 4) ............................................. – 40
°C to 85°C
Operating Junction Temperature ......... – 40
°C to 125°C
Storage Temperature Range ................. – 65
°C to 125°C
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
The
● denotes specifications which apply over the full operating
temperature range (Note 4), otherwise specifications are at TA = 25°C. VDCIN = 20V, VBAT = 12V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
TJMAX = 125°C, θJA = 90°C/W
EXPOSED PAD (PIN 25), GND AND PGND SHOULD BE CONNECTED
TOGETHER WITH A LOW OHMIC CONNECTION.
ORDER PART NUMBER
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC4007EUFD-1
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
UFD PART MARKING
40071
8
9
TOP VIEW
UFD PACKAGE
24-LEAD (4mm
× 5mm) PLASTIC QFN
10 11 12
24
25
23 22 21 20
6
5
4
3
2
1
ACP
RT
FAULT
GND
3C4C
LOBAT
NTC
NC
PGND
TGATE
CLN
CLP
FLAG
CHEM
7
14
15
16
17
18
19
13
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DCIN Operating Range
628
V
IQ
Operating Current
Sum of Current from CLP, CLN , DCIN
3
5
mA
VTOL
Charge Voltage Accuracy
Nominal Values: 12.3V, 12.6V, 16.4V, 16.8V
–0.8
0.8
%
(Note 2)
●
–1.0
1.0
%
ITOL
Charge Current Accuracy (Note 3)
VCSP – VBAT Target = 100mV
– 4
4
%
●
–5
5
%
VBAT < 6V, VCSP – VBAT Target = 10mV
±60
%
6V
≤ VBAT ≤ VLOBAT, VCSP – VBAT
±35
%
Target = 10mV
TSAMPLE
Measured Sample Time
RRT = 1190k
●
42
60
ms
Shutdown
Battery Leakage Current
DCIN = 0V
●
20
35
µA
SHDN = 3V
●
–10
10
µA
UVLO
Undervoltage Lockout Threshold
DCIN Rising, VBAT = 0
●
4.2
4.7
5.5
V
Shutdown Threshold at SHDN
●
1
1.6
2.5
V
SHDN Pin Current
–10
µA
Operating Current in Shutdown
VSHDN = 0V, Sum of Current from CLP,
2
3
mA
CLN, DCIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com