Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4007-1 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4007-1
Description  4A, High Efficiency, Li-Ion Battery Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4007-1 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4007-1 Datasheet HTML 16Page - Linear Technology LTC4007-1 Datasheet HTML 17Page - Linear Technology LTC4007-1 Datasheet HTML 18Page - Linear Technology LTC4007-1 Datasheet HTML 19Page - Linear Technology LTC4007-1 Datasheet HTML 20Page - Linear Technology LTC4007-1 Datasheet HTML 21Page - Linear Technology LTC4007-1 Datasheet HTML 22Page - Linear Technology LTC4007-1 Datasheet HTML 23Page - Linear Technology LTC4007-1 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
LTC4007-1
40071f
APPLICATIO S I FOR ATIO
General Rules (Continued)
7. Connection of switching ground to system ground or
internal ground plane should be single point. If the
system has an internal system ground plane, a good
way to do this is to cluster vias into a single star point
to make the connection.
8. Route analog ground as a trace tied back to IC ground
(analog ground pin if present) before connecting to
any other ground. Avoid using the system ground
plane. CAD trick: make analog ground a separate
ground net and use a 0
Ω resistor to tie analog ground
to system ground.
9. A good rule of thumb for via count for a given high
current path is to use 0.5A per via. Be consistent.
10. If possible, place all the parts listed above on the same
PCB layer.
11. Copper fills or pours are good for all power connec-
tions except as noted above in Rule 3. You can also use
copper planes on multiple layers in parallel too—this
helps with thermal management and lower trace in-
ductance improving EMI performance further.
12. For best current programming accuracy provide a
Kelvin connection from RSENSE to CSP and BAT. See
Figure 12 as an example.
It is important to keep the parasitic capacitance on the RT,
CSP and BAT pins to a minimum. The traces connecting
these pins to their respective resistors should be as short
as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com