Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4008 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4008
Description  4A, High Efficiency, Multi-Chemistry Battery Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4008 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4008 Datasheet HTML 9Page - Linear Technology LTC4008 Datasheet HTML 10Page - Linear Technology LTC4008 Datasheet HTML 11Page - Linear Technology LTC4008 Datasheet HTML 12Page - Linear Technology LTC4008 Datasheet HTML 13Page - Linear Technology LTC4008 Datasheet HTML 14Page - Linear Technology LTC4008 Datasheet HTML 15Page - Linear Technology LTC4008 Datasheet HTML 16Page - Linear Technology LTC4008 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
LTC4008
4008fa
APPLICATIO S I FOR ATIO
Battery Conditioning
Some batteries require a small charging current to condi-
tion them when they are severely depleted. The charging
current is switched to a high rate after the battery voltage
has reached a “safe” voltage to do so. Figure 6 illustrates
how to do this 2-level charging. When Q1 is on, the charger
current is set to maximum. When Q1 is off, the charging
current is set to 10% of the maximum.
Table 3
FLOAT VOLTAGE (V)
R9 (k
Ω) 0.25%
R8 (k
Ω) 0.25%
8.2
24.9
147
8.4
26.1
158
12.3
15
140
12.6
16.9
162
16.4
11.5
147
16.8
13.3
174
Soft-Start
The LTC4008 is soft started by the 0.12
µF capacitor on the
ITH pin. On start-up, ITH pin voltage will rise quickly to 0.5V,
then ramp up at a rate set by the internal 40
µA pull-up
current and the external capacitor. Battery charging
current starts ramping up when ITH voltage reaches 0.8V
and full current is achieved with ITH at 2V. With a 0.12µF
capacitor, time to reach full charge current is about 2ms
and it is assumed that input voltage to the charger will
reach full value in less than 2ms. The capacitor can be
increased up to 1
µF if longer input start-up times are
needed.
Input and Output Capacitors
The input capacitor (C2) is assumed to absorb all input
switching ripple current in the converter, so it must have
adequate ripple current rating. Worst-case RMS ripple
current will be equal to one-half of output charging
current. Actual capacitance value is not critical. Solid
tantalum low ESR capacitors have high ripple current
rating in a relatively small surface mount package,
but
caution must be used when tantalum capacitors are used
for input or output bypass. High input surge currents can
be created when the adapter is hot-plugged to the charger
or when a battery is connected to the charger. Solid
tantalum capacitors have a known failure mechanism
when subjected to very high turn-on surge currents. Only
Kemet T495 series of “Surge Robust” low ESR tantalums
are rated for high surge conditions such as battery to
ground.
R2
53.6k
CPROG
0.0047
µF
4008 F06
LTC4008
Q1
2N7002
R1
26.7k
PROG
10
Figure 6. 2-Level Current Programming
Charger Voltage Programming
A resistor divider, R8 and R9 (see Figure 10), programs
the final float voltage of the charger. The equation for float
voltage is (the input bias current of EA is typically –4nA and
can be ignored):
VFLOAT = VREF (1 + R8/R9)
It is recommended that the sum of R8 and R9 not be less
than 100k. Accuracy of the LTC4008 voltage reference is
±0.8% at 25°C, and ±1% over the full temperature range.
This leads to the possibility that very accurate (0.1%)
resistors might be needed for R8 and R9. Actually, the
temperature of the LTC4008 will rarely exceed 50
°C near
the float voltage because charging currents have tapered
to a low level, so 0.25% resistors will normally provide the
required level of overall accuracy. Table 3 contains recom-
mended values for R8 and R9 for popular float voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com