Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4008 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4008
Description  4A, High Efficiency, Multi-Chemistry Battery Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4008 Datasheet(HTML) 2 Page - Linear Technology

  LTC4008 Datasheet HTML 1Page - Linear Technology LTC4008 Datasheet HTML 2Page - Linear Technology LTC4008 Datasheet HTML 3Page - Linear Technology LTC4008 Datasheet HTML 4Page - Linear Technology LTC4008 Datasheet HTML 5Page - Linear Technology LTC4008 Datasheet HTML 6Page - Linear Technology LTC4008 Datasheet HTML 7Page - Linear Technology LTC4008 Datasheet HTML 8Page - Linear Technology LTC4008 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LTC4008
4008fa
Voltage from DCIN, CLP, CLN to GND ....... +32V/–0.3 V
PGND with Respect to GND ..................................
±0.3V
CSP, BAT to GND ........................................ +28V/–0.3V
VFB, RT to GND ............................................. +7V/–0.3V
NTC ............................................................. +10V/–0.3V
ACP/SHDN, FLAG, FAULT, ICL .................... +32V/–0.3V
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
LTC4008EGN
TJMAX = 125°C, θJA = 90°C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
GN PACKAGE
20-LEAD NARROW PLASTIC SSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
INFET
BGATE
PGND
TGATE
CLP
CLN
FLAG
BATMON
BAT
CSP
DCIN
ICL
ACP/SHDN
RT
FAULT
GND
VFB
NTC
ITH
PROG
CLP to CLN ........................................................... +0.5V
Operating Ambient Temperature Range
(Note 4) ...............................................–40
°C to 85°C
Operating Junction Temperature ...........–40
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
(Note 1)
ORDER PART
NUMBER
LTC4008EGN-1
The
● denotes specifications which apply over the full operating
temperature range (Note 4), otherwise specifications are at TA = 25°C. VDCIN = 20V, VBAT = 12V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DCIN Operating Range
628
V
IQ
Operating Current
Charging Sum of Current from CLP, CLN, DCIN
3
5
mA
VTOL
Voltage Accuracy
(Notes 2, 5)
–0.8
0.8
%
●
–1.0
1.0
%
BATMON Error (Note 5)
Measured from BAT to BATMON,
0
35
80
mV
RLOAD = 100k
ITOL
Charge Current Accuracy (Note 3)
VCSP – VBAT Target = 100mV
– 4
4
%
●
–5
5
%
Shutdown
Battery Leakage Current
DCIN = 0V (LTC4008 Only)
●
20
35
µA
ACP/SHDN = 0V
●
–10
10
µA
UVLO
Undervoltage Lockout Threshold
DCIN Rising, VBAT = 0V
●
4.2
4.7
5.5
V
Shutdown Threshold at ACP/SHDN
●
1
1.6
2.5
V
Operating Current in Shutdown
VSHDN = 0V, Sum of Current from CLP,
2
3
mA
CLN, DCIN
TJMAX = 125°C, θJA = 90°C/W
GN PACKAGE
20-LEAD NARROW PLASTIC SSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
NC
BGATE
PGND
TGATE
CLP
CLN
FLAG
BATMON
BAT
CSP
DCIN
ICL
SHDN
RT
FAULT
GND
VFB
NTC
ITH
PROG
THE LTC4008EGN-1
Does Not Have the
Input FET Function
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com