Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # CHR
Description  Selectable Output Chimes and Chime/Strobes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

CHR Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  CHR Datasheet HTML 1Page - Systemsensor advanced ideas. CHR Datasheet HTML 2Page - Systemsensor advanced ideas. CHR Datasheet HTML 3Page - Systemsensor advanced ideas. CHR Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A05-0396-003
SpectrAlert Advance Specifications
Architect/Engineer Specifications
General
SpectrAlert Advance chimes and chime/strobes shall mount to a standard 4 × 4 × 1½-inch back box, 4-inch octagon back box, single-gang 2 × 4 × 17/8-inch
back box, or double-gang back box. A universal mounting plate shall be used for mounting products. The notification appliance circuit wiring shall terminate
attheuniversalmountingplate.Also,SpectrAlertAdvanceproducts,whenusedwiththeSync•CircuitModuleaccessory,shallbepoweredfromanon-coded
notificationappliancecircuitoutputandshalloperateonanominal12or24volts.WhenusedwiththeSync•CircuitModule,12-voltratednotificationappliance
circuit outputs shall operate between nine and 17.5 volts; 24-volt rated notification appliance circuit outputs shall operate between 17 and 33 volts. Indoor
SpectrAlert Advance products shall operate between 32 and 120 degrees Fahrenheit from a regulated DC, or full-wave rectified, unfiltered power supply. Chime/
strobes shall have field-selectable candela settings of 15, 15/75, 30, 75, 95, 110 and 115.
Chime/Strobe Combination
The chime/strobe shall be a System Sensor SpectrAlert Advance Model _______ listed to UL 1638 and UL 464. The chime/strobe shall comply with the
Americans with Disabilities Act requirements for visible signaling appliances, flashing at 1Hz over the strobe’s entire operating voltage range. The strobe light
shall consist of a xenon flash tube and associated lens/reflector system. The chime shall have two audibility options and an option to switch between a temporal
three-pattern and a non-temporal (continuous) pattern. These options are set by a multiple position switch.
Synchronization Module
ThemoduleshallbeaSystemSensorSync•Circuit_______listedtoUL464andshallbeapprovedforfireprotectiveservice.Themoduleshallsynchronize
SpectrAlert strobes at 1Hz and chimes at temporal three. Also, while operating the strobes, the module shall silence the chimes on chime/strobe models over
a single pair of wires. The module shall mount to a 411/16 × 411/16 × 21/8-inch back box. The module shall also control two Style Y (class B) circuits or one Style Z
(class A) circuit. The module shall synchronize multiple zones. Daisy chaining two or more synchronization modules together will synchronize all the zones they
control. The module shall not operate on a coded power supply.
Physical/Electrical Specifications
Standard Operating Temperature
32°F to 120°F (0°C to 49°C)
Humidity Range
10 to 93% non-condensing
Strobe Flash Rate
1 flash per second
Nominal Voltage
Regulated 12DC/FWR or regulated 24DC/FWR1
Operating Voltage Range2
8 to 17.5V (12V nominal) or 16 to 33V (24V nominal)
Input terminal wire gauge
12 to 18 AWG
Chime/strobe dimensions (including lens)
5.6 in L × 4.7 in W × 2.5 in D (142 mm L × 119 mm W × 64 mm D)
Chime dimensions
5.6 in L × 4.7 in W × 1.3 in D (142 mm L × 119 mm W × 33 mm D)
BBS-2 (red back box skirt)
5.9 in L × 5.0 in W × 2.2 in D (151 mm L × 128 mm W × 56 mm D)
BBSW-2 (white back box skirt)
5.9 in L × 5.0 in W × 2.2 in D (151 mm L × 128 mm W × 56 mm D)
Notes:
1. Full Wave Rectified (FWR) voltage is a non-filtered, time varying power source that is used on some power supply and panel outputs.
2. CHS products will operate at 12 V nominal only for 15 and 15/75 cd.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com