Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR Datasheet(PDF) 3 Page - Systemsensor advanced ideas.

Part # CHR
Description  Selectable Output Chimes and Chime/Strobes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

CHR Datasheet(HTML) 3 Page - Systemsensor advanced ideas.

  CHR Datasheet HTML 1Page - Systemsensor advanced ideas. CHR Datasheet HTML 2Page - Systemsensor advanced ideas. CHR Datasheet HTML 3Page - Systemsensor advanced ideas. CHR Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A05-0396-003
Chime Patterns
Setting
Repetition Rate
dB Level
1
1 Second Chime
High
2
1 Second Chime
Low
3
¼ Second Chime
High
4
¼ Second Chime
Low
5
Temporal Chime
High
6
Temporal Chime
Low
7
5 Second Whoop
High
8
5 Second Whoop
Low
9
One Test Chime/coded
High
UL Max. Chime Current Draw (mA RMS)
Sound Pattern
dB
8–17.5 Volts
16–33 Volts
DC
FWR
DC
FWR
1 Second Chime
High
34
50
58
51
1 Second Chime
Low
30
51
51
54
¼ Second Chime
High
34
51
50
50
¼ Second Chime
Low
31
51
50
52
Temporal Chime
High
30
50
48
54
Temporal Chime
Low
30
47
50
51
5 Second Whoop
High
32
52
34
54
5 Second Whoop
Low
30
40
34
52
Coded
High
48
49
50
50
*
Chime and Chime/Strobe Output (dBA)
Switch
Position
Sound Pattern
dB
8–17.5 Volts
16–33 Volts
DC
FWR
DC
FWR
1
1 Second Chime
High
58
59
61
61
2
1 Second Chime
Low
53
54
55
55
3
¼ Second Chime
High
63
64
66
66
4
¼ Second Chime
Low
58
59
60
60
5
Temporal Chime
High
62
64
68
69
6
Temporal Chime
Low
55
57
60
60
7
5 Second Whoop
High
68
71
75
77
8
5 Second Whoop
Low
62
64
67
68
9
One Test Chime/coded High
57
55
51
57
UL Current Draw Data
Tone Selection
Chime tone selection is accomplished by using the rotary switch on the back of the product. The current draw and sound measurements for
various chime tone settings are listed below.
UL Max. Chime/Strobe Current Draw (mA RMS)
DC Input
8–17.5 Volts
16–33 Volts
15
15/75
15
15/75
30
75
95
110
115
1 Second Chime High
131
142
65
76
94
160
185
207
213
1 Second Chime Low
131
142
64
75
92
157
183
203
212
1/4 Second Chime High
129
142
66
75
95
159
184
205
212
1/4 Second Chime Low
129
142
64
74
91
155
181
204
211
Temporal Chime High
125
142
64
74
91
156
181
205
211
Temporal Chime Low
129
141
65
75
92
155
180
200
209
5 Second Whoop High
133
145
70
81
99
165
189
210
217
5 Second Whoop Low
130
143
66
77
95
160
186
206
214
One Time Chime
*
127
141
64
76
93
156
182
203
210
FWR Input
8–17.5 Volts
16–33 Volts
15
15/75
15
15/75
30
75
95
110
115
1 Second Chime High
128
150
72
82
98
158
183
202
210
1 Second Chime Low
127
150
71
81
97
157
182
202
210
1/4 Second Chime High
129
149
72
82
99
160
183
203
211
1/4 Second Chime Low
128
149
71
81
97
154
179
196
205
Temporal Chime High
128
148
71
81
97
157
179
199
206
Temporal Chime Low
125
147
71
81
97
156
180
200
206
5 Second Whoop High
136
152
84
93
110
170
193
212
220
5 Second Whoop Low
132
150
77
86
102
161
184
203
214
One Time Chime
*
127
147
72
82
97
157
181
200
210
*This data represents coding at 3 chimes per second. Actual current draw will vary depending upon coding selected.
*Chime/Strobes cannot be powered with a coded supply.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com