Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WFDTH Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # WFDTH
Description  Waterfl ow Detector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

WFDTH Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  WFDTH Datasheet HTML 1Page - Systemsensor advanced ideas. WFDTH Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3825 Ohio Avenue • St. Charles, IL 60174
Phone: 800-SENSOR2 • Fax: 630-377-6495
©2007 System Sensor.
Product specifications subject to change without notice. Visit systemsensor.com for
current product information, including the latest version of this data sheet.
A05-0941-007 • 4/07 • #1676
Electrical Connections
Ordering Information
UL Model No.
ULC/Canadian Model No.
Description
WFDTH
WFDTHA
Waterflow Detector, Fits 1˝, 1¼˝, 1½˝, 2˝ ferrous and brass threaded tees; 1˝, 1¼˝, 1½˝, 2˝ copper
sweat tees; 1˝ CPVC tees; and 1½˝ polybutylene tees
Accessories
A77-01-02
Replacement terminal block for WFDTH
S07-66002
Replacement tamper screws for covers of WFDTH
PRK9
Replacement paddle kit – 12 paddles for WFDTH (see
WFDTH for sizes included)
WFDW
Replacement tamper proof wrench for cover of
WFDTH
A3008-00
Replacement retard mechanism
C58-0009-000
Replacement metal cover
Spears® is a registered trademark of the Spears Manufacturing Company. Victaulic® is a registered trademark of the Victaulic Company of America.
WFDTH Specifications
Architectural/Engineering Specifications
Model shall be a WFDTH as manufactured by System Sensor. T-tap waterflow detectors shall be installed on a tee that has a 1˝ NPT branch including: 1˝, 1¼˝,
1½˝, or 2˝ threaded ferrous or brass tee; 1–2˝ copper sweat tees; Central, Spears®, and Victaulic® brand 1˝ CPVC tees; or 1½˝ polybutylene tee as designated on the
drawings and/or as specified herein. Detectors shall mount on any clear pipe span of the appropriate size, either a vertical or horizontal run at least 6˝ from any
fittings or valves which may change water direction, flow rate, or pipe diameter or no closer than 24˝ from a valve or drain. Detectors shall have a sensitivity in
the range of 4 to 10 gallons per minute and a static pressure rating of 250 psi. The retard t-tap detector shall be a sealed mechanical pneumatic unit with visual
indication of actuation. The actuation mechanism shall include a polyethylene vane inserted through the tee fitting and connected by a mechanical linkage
to the delay mechanism. Outputs shall consist of dual SPDT switches (Form C contacts). Two conduit entrances (one of which is a knockout type) for standard
fittings of commonly used electrical conduit shall be provided on the detectors. A grounding provision is provided. WFDTH is listed by Underwriters Laboratories
for indoor use.
Delay Adjustment Dial
WFDT/WFDTH
BB
COM
COM
WFDT/WFDTH
BB
COM
COM
Typical FACP Connection
To nonsilenceable
initiating zone
of listed FACP
end-of-line
resistor
B
COM
To power
source
compatible
with bell
local
bell
WFDT, WFDTH
switch assembly
Typical Local Bell Connection
Break wire as shown for supervision
of connection. DO NOT allow
stripped wire leads to extend beyond
switch housing. DO NOT loop wires.
NOTE:
Common and B connections
will close when vane is
deflected, i.e., when water is
flowing. Dual switches permit
applications to be combined
on a single detector.
CONTACT RATINGS
125/250 VAC
24 VDC
10 AMPS
2.5 AMPS
T16-0010-XXX
B
COM
A
CO
M
CO
M
SWITCH 1
SWITCH 2
•CAUTION•
ROUTE WIRING
AWAY FROM
SHARP EDGES
& COPONENTS
SWITCH SCHEMATIC
•READY• STATE
Delay
adjustment
dial
NOTE: Retard time may exceed 90 seconds.
Adjust and verify that time does not exceed 90 seconds.
45
TI
M
E
DE
LAY IN SECO
ND
S
M
BE
R
ON
DIAL IS APPR
OX
IM
A
Physical/Operating Specifications
Static Pressure Rating
250 PSI (max.)
Operating Temperature Range
32°F to 120°F (0°C to 49°C)
Maximum Surge
18 FPS
Enclosure Rating
UL listed for indoor use
Triggering Threshold
Bandwidth (Flow Rate)
4–10 GPM
Cover Tamper Switch
Canadian models only, factory installed
Overall Dimensions,
Installed
4.5˝ H × 3.55˝ W × 6.7˝ L
(11.4cm H × 9cm W × 17cm L)
Service Use
Automatic Sprinkler: NFPA 13
One or Two Family Dwelling: NFPA 13D
Residential Occupancies up to 4 Stories: NFPA 13R
National Fire Alarm Code: NFPA 72
Contact Ratings
Two sets of SPDT (Form C)
10.0 A @ 125/250 VAC
2.5 A @ 24 VDC
Shipping Weight
2.6 lbs. (1.2 kg.)
Compatible Tee
Fittings
Threaded ferrous and brass tees, copper
sweat tees, CPVC tees, and polybutylene tees
Warranty
3 years
Conduit Entrances
Two openings for ½˝ conduit.
U.S. Patent Numbers
3,845,259; 4,782,333; 5,213,205



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com