Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WFDTH Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # WFDTH
Description  Waterfl ow Detector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

WFDTH Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  WFDTH Datasheet HTML 1Page - Systemsensor advanced ideas. WFDTH Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Agency Listings
WFDTH
Waterflow Detector
The System Sensor WFDTH Retard T-Tap Waterflow
Detector is designed for primary signaling in
residential systems and fits within 2×4 stud wall
construction.
Features
Residential sprinkler systems
Sealed retard mechanism
Visual switch activation
Rugged, dual SPDT switches enclosed in a durable terminal block
Easy to install and maintain design
Vertical or horizontal mount
Field replaceable retard mechanism and switch assembly
Twelve different flexible paddles
Durable, tamper resistant enclosure
Two conduit openings
Handy depth gauge
Accommodates up to 12 AWG wire
100% synchronization fires alarm panel and local bell
simultaneously
•
•
•
•
•
•
•
•
•
•
•
•
•
The WFDTH fits any tee that has a 1˝ NPT branch, including: 1˝, 1¼˝,
1½˝, and 2˝ NPT threaded ferrous and brass tees; 1˝, 1¼˝, 1½˝ and 2˝
copper sweat tees; Central, Spears®, and Victaulic® brand 1˝ CPVC tees;
and 1½˝ polybutylene tees.
Design. The design of the WFDTH makes it easy to install and
simple to maintain. It can be mounted in the vertical or horizontal
position. Two conduit openings permit easy attachment to the local
alarm system. The retard mechanism and switch assembly are field-
replaceable.
Features. Twelve different flexible paddles fit 1˝, 1¼˝, 1½˝, and 2˝
tees. Sizes are marked clearly on the paddle for ease of installation.
Plastic paddles slip over the actuating lever and are securely
fastened with one screw. The handy depth gauge insures the proper
installation depth and clearance of the detector to the tee.
Construction. The WFDTH includes a durable and tamper resistant
enclosure. Its sealed retard assures that the delay mechanism is
not contaminated by dust and dirt when the cover is removed. The
long lasting cover completely encloses the electrical components
to further keep out dust and dirt. Improved self-guiding security
screws and removal tools make detectors resistant to tampering and
simplify field maintenance.
S739
CS169
167-93-E
7770-1653:114


Similar Part No. - WFDTH

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
WFDT SYSTEMSENSOR-WFDT Datasheet
215Kb / 2P
Waterfl ow Detectors
WFDTA SYSTEMSENSOR-WFDTA Datasheet
215Kb / 2P
Waterfl ow Detectors
WFDTN SYSTEMSENSOR-WFDTN Datasheet
494Kb / 2P
Waterflow Detector
WFDTNR SYSTEMSENSOR-WFDTNR Datasheet
215Kb / 2P
Waterfl ow Detectors
WFDTNRA SYSTEMSENSOR-WFDTNRA Datasheet
215Kb / 2P
Waterfl ow Detectors
More results

Similar Description - WFDTH

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM37000-A1 MACOM-MAAM37000-A1 Datasheet
122Kb / 2P
L ow Noise GaAs MMIC Amplifier 3.5 - 7 GHz
PH1819-10 MACOM-PH1819-10 Datasheet
203Kb / 3P
Wireless Bipolar Power Transistor, 1 OW 1.78 - 1.90 GHz
logo
Systemsensor advanced i...
T-TAP SYSTEMSENSOR-T-TAP Datasheet
215Kb / 2P
Waterfl ow Detectors
WFDE SYSTEMSENSOR-WFDE Datasheet
179Kb / 2P
Waterfl ow Detector
logo
Leshan Radio Company
LR1554 LRC-LR1554 Datasheet
451Kb / 6P
L ow Voltage 0.4 Quad SPDT Analog Switch
logo
Total Power Internation...
TPSPU10 TOTAL-POWER-TPSPU10 Datasheet
207Kb / 2P
1 OW Wall Mount Switching Power Supplies For I.T.E.
logo
Systemsensor advanced i...
WFDNF SYSTEMSENSOR-WFDNF Datasheet
411Kb / 2P
Waterfl ow Detector
logo
TXC Corporation.
AU-SERIES TXC-AU-SERIES Datasheet
996Kb / 1P
Designed for automatic mounting and refl ow soldering.
logo
PHOENIX CONTACT
1653003 PHOENIX-1653003 Datasheet
60Kb / 3P
Terminal outlet - VS-TO-OW-2-F-9010
logo
Nanjing International G...
BCX51 DGNJDZ-BCX51 Datasheet
278Kb / 2P
PNP M edium P ow er Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com