Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMC-461/883 Datasheet(PDF) 2 Page - Crane Aerospace & Electronics.

Part # FMC-461/883
Description  EMI INPUT FILTER 28 VOLT INPUT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

FMC-461/883 Datasheet(HTML) 2 Page - Crane Aerospace & Electronics.

  FMC-461/883 Datasheet HTML 1Page - Crane Aerospace & Electronics. FMC-461/883 Datasheet HTML 2Page - Crane Aerospace & Electronics. FMC-461/883 Datasheet HTML 3Page - Crane Aerospace & Electronics. FMC-461/883 Datasheet HTML 4Page - Crane Aerospace & Electronics. FMC-461/883 Datasheet HTML 5Page - Crane Aerospace & Electronics. FMC-461/883 Datasheet HTML 6Page - Crane Aerospace & Electronics. FMC-461/883 Datasheet HTML 7Page - Crane Aerospace & Electronics. FMC-461/883 Datasheet HTML 8Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TYPICAL CHARACTERISTICS
RECOMMENDED OPERATING CONDITIONS
ABSOLUTE MAXIMUM RATINGS
Input Voltage
• 0 to 40 VDC continuous
Lead Soldering Temperature (10 sec per lead)
• 300°C
Storage Temperature Range (Case)
• –65°C to +150°C
B3-14
FMC EMI FILTER
2.7 AMP
Input Voltage Range
• 16 to 40 VDC continuous for 40 W load
Case Operating Temperature (Tc)
• –55°C to +125°C full power
Derating
• DC input and output current
Derate linearly from 100% at 125°C to 0%
at 135°C case
Electrical Characteristics: 25°C Tc, nominal Vin, unless otherwise specified.
EMI INPUT FILTERS
Capacitance
• 0.038 µF max, any pin to case
Isolation
• 100 megohm minimum at 500 V
• Any pin to case, except case pin
FMC-461
FMC-461NT1
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT VOLTAGE
CONTINUOUS
0
28
40
0
28
40
VDC
INPUT CLAMPING
–55°C
40.8
45.1
49.4
—
—
—
VOLTAGE
25°C
44.7
47.0
49.4
—
—
—
VDC
125°C
44.7
49.5
54.2
—
—
—
INPUT CURRENT
—
—
2.7
—
—
2.7
A
DIFFERENTIAL MODE
200 kHz
40
—
—
40
—
—
dB
NOISE REJECTION
400 kHz - 50 MHz
50
—
—
50
—
—
COMMON MODE
NOISE REJECTION
2 MHz - 50 MHz
40
—
—
40
—
—
dB
DC RESISTANCE (RDC)
TC = 25°C
—
—
0.20
—
—
0.20
Ω
OUTPUT VOLTAGE2
STEADY STATE
VOUT = VIN - IIN (RDC)VOUT = VIN - IIN (RDC)
VDC
OUTPUT CURRENT
RIPPLE
—
—
1.0
—
—
1.0
A rms
STEADY STATE
——
2.7
——
2.7
A
INTERNAL POWER
DISSIPATION
MAXIMUM CURRENT
—
—
1.6
—
—
1.6
W
Notes
1. The FMC-461NT does not have a transorb and does not clamp the input voltage
2. Typical applications result in Vout within 2% of Vin.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com