Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMC-461/883 Datasheet(PDF) 3 Page - Crane Aerospace & Electronics.

Part # FMC-461/883
Description  EMI INPUT FILTER 28 VOLT INPUT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

FMC-461/883 Datasheet(HTML) 3 Page - Crane Aerospace & Electronics.

  FMC-461/883 Datasheet HTML 1Page - Crane Aerospace & Electronics. FMC-461/883 Datasheet HTML 2Page - Crane Aerospace & Electronics. FMC-461/883 Datasheet HTML 3Page - Crane Aerospace & Electronics. FMC-461/883 Datasheet HTML 4Page - Crane Aerospace & Electronics. FMC-461/883 Datasheet HTML 5Page - Crane Aerospace & Electronics. FMC-461/883 Datasheet HTML 6Page - Crane Aerospace & Electronics. FMC-461/883 Datasheet HTML 7Page - Crane Aerospace & Electronics. FMC-461/883 Datasheet HTML 8Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PIN OUT
MODEL NUMBERING KEY
12
3
4
5
Dot on top of package indicates pin one
Dotted line outlines flanged package option.
BOTTOM VIEW
FMC
NON-FLANGED AND FLANGED
FMC - 461
NT
F
/ 883
Base Model
MIL-STD-461 Reference
Screening
(Standard screening has no designator
in this position.)
No Transorb Option
(Standard FMC-461 has no designator
in this position)
Case Option
(Non-flanged case has no designator in
this position)
B3-15
EMI INPUT FILTERS
See Section B8, cases H1 and K2 for dimensions.
Pin
Designation
1
Positive Input
2
Positive Output
3
Case Ground
4
Output Common
5
Input Common
FIGURE 2: PIN OUT
DSCC NUMBER
DSCC DRAWING
(5915)
94010-01HXC
94010-01HZC
94010-02HXC1
94010-02HZC1
FMC-461 FILTER
SIMILAR PART
FMC-461/883
FMC-461F/883
FMC-461NT/8831
FMC-461NTF/8831
For exact specifications for a DSCC product, refer to the
DSCC drawing. See Section A3, “SMD/DSCC Lists”, for
more information.
6
F
6800 pF / 500 V
(4 times)
Positive
Input
Input
Common
Positive
Output
Output
Common
FMC-461
FMC-461/883
35.6
H
1
F
68
3300 pF / 500 V
IN5649A
277
H
6
F
4.7
1
1
1
FIGURE 1: SCHEMATIC – TYPICAL VALUES
FMC EMI FILTER
2.7 AMP
1. No transorb (NT)
Flanged SMDs have the suffix HZC instead of HXC.
The case ground connection between the filter and the converter should be as low an impedance as possible
to minimize EMI. Direct contact of baseplate to chassis ground provides the lowest impedance.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com