Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGH2812S/883 Datasheet(PDF) 2 Page - Crane Aerospace & Electronics.

Part # MGH2812S/883
Description  MCH/MGH Single and Dual DC/DC Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MGH2812S/883 Datasheet(HTML) 2 Page - Crane Aerospace & Electronics.

  MGH2812S/883 Datasheet HTML 1Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 2Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 3Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 4Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 5Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 6Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 7Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 8Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MCH/MGH Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 2 of 18
Rev E - 20060508
www.craneae.com
28 VOLT INPUT – 1.5 WATT
Dual models only
Negative
Output
Output
Common
Positive
Output
+
Positive
Input
Inhibit
FB
Shutdown
PWM
Controller
Input
Common
+Vin
+Vout
+
+
Case
Ground
FIGURE 1: MGH BLOCK DIAGRAM
MGH SERIES™ SINGLE & DUAL
DC/DC CONVERTERS
The MGH Series™ of DC/DC converters delivers 1.5 watts of output
power in a labor saving surface mount package. The wide input
voltage range of 12 to 50 VDC accepts the varying voltages of mili-
tary, aerospace, or space applications. Single output converters
feature outputs of 5, 12, or 15 volts while dual output models feature
outputs of ±5, ±12, or ±15 volts. Transient protection of 80 volts for
up to 120 milliseconds exceeds the requirements of MIL-STD-704A
for the 5 and 12 volt single and dual models. The 15 volt single and
dual converters will withstand transients of up to 70 volts for up to
120 milliseconds.
CONVERTER DESIGN
MGH Series DC/DC converters incorporate a continuous flyback
topology with a constant switching frequency of approximately 370
kHz. Output voltage regulation is accomplished on the primary side
using current-mode pulse width modulation (PWM). Regulation is
affected by the output load; refer to the specifications tables for more
information.
For dual output models, up to 80% of the total load may be on one
output providing the other output carries a minimum of 20% of the
total load. The dual models can be used at double the output voltage
by connecting the load between positive and negative outputs,
leaving the common unconnected. As an example the MGH2805D (5
volt dual output) can be used as a 10 VDC output.
INHIBIT FUNCTION
When an open collector TTL logic low is applied to the inhibit
terminal, pin 18, the converter shuts down and lowers the output
voltage to near zero and input current to as low 2.3 mA. Leaving the
terminal open or applying an open collector TTL logic high will enable
the converter.
PROTECTION FEATURES
Undervoltage lockout prevents the MGH Series converters from
operating below approximately 8 VDC input voltage to keep system
current levels smooth, especially during initialization or re-start oper-
ations. All models include a soft-start function to prevent large
current draw and minimize overshoot. The MGH Series of converters
also provide short circuit protection by limiting the current to approx-
imately 125% of full load.
MIL-STD-461
Use Interpoint’s FMGA-461 EMI filter to pass the CE03 requirements
of MIL-STD-461C.
SURFACE MOUNT PACKAGE
MGH DC/DC converters can be surface mounted with pick-and-
place equipment or manually. It is recommended that the case be
attached with flexible epoxy adhesive or silicone which is thermally
conductive (>1 watt /meter/°K).
Internal components are soldered with SN96 (melting temperature
221°C) to prevent damage during reflow. Maximum reflow tempera-
ture for surface mounting the MGH converter is 220°C for a
maximum of 30 seconds. SN60, 62, or 63 are the recommended
types of solder. Hand soldering should not exceed 300°C for 10
seconds per pin.
The hermetically sealed metal cases are available in two different
lead configurations. See case B for dimensions and options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com