Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGH2812S/883 Datasheet(PDF) 3 Page - Crane Aerospace & Electronics.

Part # MGH2812S/883
Description  MCH/MGH Single and Dual DC/DC Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MGH2812S/883 Datasheet(HTML) 3 Page - Crane Aerospace & Electronics.

  MGH2812S/883 Datasheet HTML 1Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 2Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 3Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 4Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 5Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 6Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 7Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 8Page - Crane Aerospace & Electronics. MGH2812S/883 Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MCH/MGH Single and Dual DC/DC Converters
Page 3 of 18
Rev E - 20060508
28 VOLT INPUT – 1.5 WATT
Crane Aerospace & Electronics Power Solutions
www.craneae.com
OPERATING CONDITIONS AND CHARACTERISTICS
Input Voltage Range
• 12 to 50 VDC continuous
• 80 V for 120 msec transient
(70 V for 15 V single and dual models)
Output Power
• 1.5 W
Capacitive Load
• 200 μF single output models
• 100 μF each output, dual output models
Lead Soldering Temperature
• Reflow 220°C 30 sec. max
SN60, 62 or 63 recommended solder
• Hand solder 300°C 10 sec. max per lead
Storage Temperature Range (Case)
• –65°C to +150°C
Case Operating Temperature (Tc)
• –55°C to +125°C full power
• –55°C to +135°C absolute
Derating Output Power/Current (Tc)
• Linearly from 100% at 125°C to 0% at 135°C
Output Voltage Temperature Coefficient
• 100 ppm/°C typical
Input to Output Capacitance
• 100 to 170 pF typical
Current Limit
• 125% of full load typical
Isolation
• 100 megohm minimum at 500 V
Audio Rejection
• 40 dB typical
Conversion Frequency (kHz)
• 25°C
300 min, 370 typ, 450 max
• –55°C to +125°C
270 min, 370 typ, 470 max
Inhibit Pin Voltage (unit enabled)
• 7 to 12 V
Undervoltage Lockout
• 8 V input typical
INHIBIT
Inhibit – TTL Open Collector
• Logic low (output disabled)
Logic low voltage ≤0.8 V
Inhibit pin current 1 mA max
• Referenced to input common
• Logic high (output enabled) open collector
MECHANICAL AND ENVIRONMENTAL
Size (maximum)
MCH models 0.980 x 0.805 x 0.270 inches (24.89 x 20.45 x 6.86 mm)
See case A2 for dimensions.
MGH models 1.010 x 0.880 x 0.250 inches (25.65 x 22.35 x 6.35 mm)
Shown on page one with “gull wing” lead option, also available with
straight leads. See case B for dimensions and options.
Weight (maximum)
12 grams typical
Screening
Standard, ES, or 883 (Class H, QML). See “883, Class H, QML Products –
Element Evaluation” and “883, Class H, QML Products – Environmental
Screening” for more information.
+
POSITIVE
INPUT
INHIBIT
FB
SHUTDOWN
PWM
CONTROLLER
INPUT
COMMON
+VIN
+VOUT
+
+
DUAL MODELS ONLY
NEGATIVE
OUTPUT
OUTPUT
COMMON
POSITIVE
OUTPUT
3
4
6
1
7
2
0.47 μF
typical
FIGURE 2: MCH BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com