Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCH2805S/883 Datasheet(PDF) 9 Page - Crane Aerospace & Electronics.

Part # MCH2805S/883
Description  MCH/MGH Single and Dual DC/DC Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MCH2805S/883 Datasheet(HTML) 9 Page - Crane Aerospace & Electronics.

Back Button MCH2805S/883 Datasheet HTML 5Page - Crane Aerospace & Electronics. MCH2805S/883 Datasheet HTML 6Page - Crane Aerospace & Electronics. MCH2805S/883 Datasheet HTML 7Page - Crane Aerospace & Electronics. MCH2805S/883 Datasheet HTML 8Page - Crane Aerospace & Electronics. MCH2805S/883 Datasheet HTML 9Page - Crane Aerospace & Electronics. MCH2805S/883 Datasheet HTML 10Page - Crane Aerospace & Electronics. MCH2805S/883 Datasheet HTML 11Page - Crane Aerospace & Electronics. MCH2805S/883 Datasheet HTML 12Page - Crane Aerospace & Electronics. MCH2805S/883 Datasheet HTML 13Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
MCH/MGH Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 9 of 18
Rev E - 20060508
www.craneae.com
28 VOLT INPUT – 1.5 WATT
Notes:
1. Guaranteed by design, not tested.
2. Specified at 50% balanced load.
3. Lin = 2 μH.
4. Maximum duration of short circuit: 25°C-– 90 seconds, 125°C – 30 seconds.
5. Load fault is a short circuit (<50 mohms). Recovery is into resistive full load,
with one output shorted at a time.
6. Transition ≥ 10 μs. Recovery = time to settle to within 1% of Vout final value.
7. Max. spec indicates 80% of the converter’s total power, available from either
output.
8. Specification applies to both + and – Vout.
9. Although no minimum load is required, at no load the output voltage may
increase up to 15%.
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
MCH DUAL OUTPUT MODELS
MCH2805D
MCH2812D
MCH2815D
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
2
Tc = 25°C
±4.95
±5
±5.05
±11.88
±12
±12.12 ±14.85
±15
±15.15
VDC
Tc = –55°C TO +125°C
±4.80
±5
±5.20
±11.52
±12
±12.48
±14.40
±15
±15.60
OUTPUT CURRENT
7
V
IN
= 12 TO 50 VDC
0
±150
240
0
±62.5
100
0
±50
80
mA
OUTPUT POWER
V
IN
= 12 TO 50 VDC
0
—
1.5
0
—
1.5
0
—
1.5
W
OUTPUT RIPPLE
10 kHz - 2 MHz
—
35
150
—
35
150
—
30
150
VOLTAGE +V
OUT
Tc = –55°C TO +125°C
—
50
250
—
40
250
—
35
250
mV p-p
–V
OUT
10 kHz - 2 MHz
—
35
150
—
35
150
—
30
150
Tc = –55°C TO +125°C
—
50
250
—
40
250
—
35
250
LINE REGULATION
8
V
IN
= 12 TO 50 VDC
—
10
50
—
100
300
—
165
500
mV
Tc = –55°C TO +125°C
—
20
100
—
110
400
—
180
650
LOAD REGULATION
9
10% TO FULL
—
300
600
—
550
1100
—
600
1300
±V
OUT
–55°C TO +125°C
—
350
700
—
570
1200
—
630
1400
mV
50% TO FULL
1
—
80
200
—
115
250
—
125
300
–55°C TO +125°C
—
100
300
—
130
350
—
135
400
INPUT VOLTAGE
CONTINUOUS
12
28
50
12
28
50
12
28
50
VDC
NO LOAD TO FULL
TRANSIENT
1 120 ms
0
—
80
0
—
80
0
—
70
V
INPUT CURRENT
NO LOAD
—
5.0
10
—
7.5
13
—
7.5
13
Tc = –55°C TO +125°C
—
6.0
12
—
8.0
14
—
8.0
14
uF
INHIBITED
—
2.3
3.2
—
2.3
3.2
—
2.3
3.2
Tc = –55°C TO +125°C
—
2.4
3.5
—
2.4
3.5
—
2.4
3.5
INPUT RIPPLE
3
10 kHz - 10 MHz
—
100
200
—
115
200
—
90
200
mA p-p
CURRENT
Tc = –55°C TO +125°C
—
130
250
—
150
250
—
120
250
EFFICIENCY
Tc = 25°C
73
77
—
73
77
—
72
76
—
%
Tc = –55°C TO +125°C
70
75
—
70
75
—
69
74
—
LOAD FAULT
4,5
POWER DISSIPATION
—
1.4
2.2
—
2.5
3.8
—
2.7
4.1
W
Tc = –55°C TO +125°C
—
1.6
2.5
—
2.7
4.2
—
3.0
4.5
RECOVERY
1
—
3.7
15
—
3.2
15
—
4.0
15
ms
Tc = –55°C TO +125°C
—
3.8
20
—
3.2
20
—
4.0
20
STEP LOAD
50 %–100%– 50% LOAD
RESPONSE
6 ±V
OUT
TRANSIENT
–300
130
300
–600
250
600
–600
250
600
mV pk
Tc = –55°C TO +125°C
–400
140
400
–700
260
700
–700
270
700
RECOVERY
—
100
400
—
165
700
—
50
200
μs
–55°C TO +125°C
—
100
500
—
165
800
—
50
300
STEP LINE
12 TO 50 TO 12 V
IN
RESPONSE
6 ±V
OUT
TRANSIENT
1
–250
125
250
–500
240
500
–500
220
500
mV pk
Tc = –55°C TO +125°C
–300
130
300
–600
250
600
–600
230
600
RECOVERY
1
—
0.6
2.5
—
0.9
3.0
—
0.6
3.0
ms
Tc = –55°C TO +125°C
—
0.6
3.0
—
0.9
4.0
—
0.7
4.0
START–UP
DELAY
—
8
25
—
8
25
—
8
25
ms
0 TO 28 VDC, ± V
OUT
Tc = –55°C TO +125°C
—
10
45
—
10
45
—
10
45
OVERSHOOT
1
—
0
100
—
0
250
—
0
750
mV pk
Tc = –55°C TO +125°C
—
0
150
—
0
350
—
0
900
CAPACITIVE LOAD
uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com