Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCH2805S/883 Datasheet(PDF) 11 Page - Crane Aerospace & Electronics.

Part # MCH2805S/883
Description  MCH/MGH Single and Dual DC/DC Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MCH2805S/883 Datasheet(HTML) 11 Page - Crane Aerospace & Electronics.

Back Button MCH2805S/883 Datasheet HTML 7Page - Crane Aerospace & Electronics. MCH2805S/883 Datasheet HTML 8Page - Crane Aerospace & Electronics. MCH2805S/883 Datasheet HTML 9Page - Crane Aerospace & Electronics. MCH2805S/883 Datasheet HTML 10Page - Crane Aerospace & Electronics. MCH2805S/883 Datasheet HTML 11Page - Crane Aerospace & Electronics. MCH2805S/883 Datasheet HTML 12Page - Crane Aerospace & Electronics. MCH2805S/883 Datasheet HTML 13Page - Crane Aerospace & Electronics. MCH2805S/883 Datasheet HTML 14Page - Crane Aerospace & Electronics. MCH2805S/883 Datasheet HTML 15Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MCH/MGH Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 11 of 18
Rev E - 20060508
www.craneae.com
28 VOLT INPUT – 1.5 WATT
LOAD TRANSIENT RESPONSE
500μs / div.
MCH2815D
+VOUT FULL LOAD TO HALF LOAD
+VOUT HALF LOAD TO FULL LOAD
–VOUT FULL LOAD TO HALF LOAD
–VOUT HALF LOAD TO FULL LOAD
VIN
LINE TRANSIENT RESPONSE
200μs / div.
+VOUT
MCH2815D
–VOUT
12 VDC
50 VDC
VIN
VOUT
TURN-ON INTO FULL LOAD
02
4
6
810
12
14
16
18
TIME (ms)
MCH2805S
Representative of all 5 volt models
FIGURE 11
FIGURE 12
FIGURE 13
FIGURE 5
FIGURE 6
FIGURE 7
FIGURE 8
FIGURE 9
FIGURE 10
EFFICIENCY vs LOAD
1.75
30
80
40
50
60
70
0
0.25
0.5
0.75
1
1.25
1.5
OUTPUT POWER
12 & 15 VOLT SINGLE MODELS
12 VOLT
28 VOLT
50 VOLT
90
EFFICIENCY vs LOAD
1.75
30
80
40
50
60
70
0
0.25
0.5
0.75
1
1.25
1.5
OUTPUT POWER
12 & 15 VOLT DUAL MODELS
12 VOLT
28 VOLT
50 VOLT
90
EFFICIENCY vs LOAD
1.75
90
30
80
40
50
60
70
0
0.25
0.5
0.75
1
1.25
1.5
OUTPUT POWER
ALL 5 VOLT MODELS
12 VOLT
28 VOLT
50 VOLT
1
0
20
40
60
80
100
AUDIO REJECTION
10
60
FREQUENCY (kHz)
MCH2815S - Representative of all models
VIN
LINE TRANSIENT RESPONSE
200μs / div.
VOUT
MCH2805S
12 VDC
50 VDC
LOAD TRANSIENT RESPONSE
500μs / div.
MCH2805S
FULL LOAD TO HALF LOAD
HALF LOAD TO FULL LOAD
Typical Performance Curves: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
MCH SINGLE AND DUAL OUTPUT MODELS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com