Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFL2805S/883 Datasheet(PDF) 7 Page - Crane Aerospace & Electronics.

Part # MFL2805S/883
Description  MFL Single and Dual DC/DC Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MFL2805S/883 Datasheet(HTML) 7 Page - Crane Aerospace & Electronics.

Back Button MFL2805S/883 Datasheet HTML 3Page - Crane Aerospace & Electronics. MFL2805S/883 Datasheet HTML 4Page - Crane Aerospace & Electronics. MFL2805S/883 Datasheet HTML 5Page - Crane Aerospace & Electronics. MFL2805S/883 Datasheet HTML 6Page - Crane Aerospace & Electronics. MFL2805S/883 Datasheet HTML 7Page - Crane Aerospace & Electronics. MFL2805S/883 Datasheet HTML 8Page - Crane Aerospace & Electronics. MFL2805S/883 Datasheet HTML 9Page - Crane Aerospace & Electronics. MFL2805S/883 Datasheet HTML 10Page - Crane Aerospace & Electronics. MFL2805S/883 Datasheet HTML 11Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MFL Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 7 of 13
Rev D - 20060601
www.craneae.com
28 VOLT INPUT – 65 WATT
Electrical Characteristics: –55°C to +125° C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
SINGLE OUTPUT MODELS
MFL2815S
MFL2828S2
PARAMETER
CONDITION
MIN
TYP MAX
MIN
TYP MAX2
UNITS
OUTPUT VOLTAGE
Tc = 25°C
14.85 15.00 15.15
27.72 28.00 28.28
VDC
OUTPUT CURRENT
VIN = 16 TO 40 VDC
0
—
4.33
0
—
2.32
A
OUTPUT POWER
VIN = 16 TO 40 VDC
0
—
65
0
—
65
W
OUTPUT RIPPLE
Tc = 25°C
—
30
85
—
100
200
VOLTAGE 10 k - 2 MHz
Tc = –55°C to +125°C
—
45
110
—
—
—
mV p-p
LINE REGULATION
VIN = 16 to 40 VDC
—
0
20
—
20
60
mV
LOAD REGULATION
NO LOAD TO FULL
—
0
20
—
20
75
mV
INPUT VOLTAGE
CONTINUOUS
16
28
40
16
28
40
VDC
NO LOAD TO FULL
TRANSIENT1, 3 50 ms
—
—
50
—
—
50
V
INPUT CURRENT
NO LOAD
—
50
100
—
60
100
mA
INHIBITED - INH1
—
9
14
—
9
14
mA
INHIBITED - INH2
—
35
70
—
35
70
INPUT RIPPLE
CURRENT
10 kHz - 10 MHz
—
15
50
—
20
50
mA pp
EFFICIENCY
Tc = 25°C
84
87
—
83
86
—
%
LOAD FAULT
POWER DISSIPATION
SHORT CIRCUIT
Tc = 25°C
—
10
14
—
7
14
W
RECOVERY1
—
1.5
4
—
1.0
4
ms
STEP LOAD RESP.
50% – 100% – 50%
TRANSIENT
—
500
600
—
800
1400
mV pk
RECOVERY1, 4
—
1.5
3.0
—
1.5
3.0
ms
STEP LINE RESP.
16 – 40 – 16 VDC
TRANSIENT1, 5
—
250
400
—
250
800
mV pk
RECOVERY1, 4
—
200
300
—
200
400
μs
START-UP6
DELAY
—
3.5
6
—
3.5
6
ms
OVERSHOOT1,
—
0
50
—
0
100
mV pk
COUT
Tc=25°C1, 7
—
—
1000
—
—
1000
μF
Notes
1. Guaranteed by design, not tested.
2. MFL2828S specifiications are at 25°Tc.
3. Unit will shut down above approximately 45V but will be undamaged and
will restart when voltage drops into normal range.
4. Recovery time is measured from application of the transient to point at
which Vout is within 1% of final value.
5. Transition time > 10 μs.
6. Tested on release from inhibit.
7. Shall not compromise DC performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com