Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFL2805S/883 Datasheet(PDF) 9 Page - Crane Aerospace & Electronics.

Part # MFL2805S/883
Description  MFL Single and Dual DC/DC Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MFL2805S/883 Datasheet(HTML) 9 Page - Crane Aerospace & Electronics.

Back Button MFL2805S/883 Datasheet HTML 5Page - Crane Aerospace & Electronics. MFL2805S/883 Datasheet HTML 6Page - Crane Aerospace & Electronics. MFL2805S/883 Datasheet HTML 7Page - Crane Aerospace & Electronics. MFL2805S/883 Datasheet HTML 8Page - Crane Aerospace & Electronics. MFL2805S/883 Datasheet HTML 9Page - Crane Aerospace & Electronics. MFL2805S/883 Datasheet HTML 10Page - Crane Aerospace & Electronics. MFL2805S/883 Datasheet HTML 11Page - Crane Aerospace & Electronics. MFL2805S/883 Datasheet HTML 12Page - Crane Aerospace & Electronics. MFL2805S/883 Datasheet HTML 13Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MFL Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 9 of 13
Rev D - 20060601
www.craneae.com
28 VOLT INPUT – 65 WATT
Typical Performance Curves: 25°C Tc , 28 VDC Vin, 100% load, free run, unless otherwise specified.
Output (Watts)
MFL2805S & MFL2805D Efficiency
60
90
85
80
75
70
10
20
30
40
50
28V
40V
65
16V
FIGURE 4
Output Power (Watts)
MFL2812S & MFL2812D Efficiency
60
90
85
80
75
70
10
20
30
40
50
60
40V
16V
28V
65
FIGURE 5
FIGURE 6
60
90
85
80
75
70
10
20
30
40
50
65
60
65
16V
Output Power (Watts)
MFL2815S & MFL2815D Efficiency
40V
28V
FIGURE 7
FIGURE 9
60
65
70
75
80
85
90
0
10
2030 40 5060 70
40 VIN
16 VIN
28 VIN
Output Power (Watts)
MFL2828S Efficiency
50 μs/div
16 to 40 V
MFL2805S Step Line Response
Vout
Vin
0.1
0.
20.
40.
60.
80.
100.
Frequency (kHz)
MFL Series Audio Rejection
1
10
100
FIGURE 8
100% to 50%
50% to 100%
1ms/div
MFL2805S Step Load Response
FIGURE 10
1ms/div
No Load
MFL2805S Turn On Response
Vin
Vout
FIGURE 11
FIGURE 12
50 μs/div
16 to 40 V
MFL2815D Step Line Response
+Vout
–Vout
Vin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com