Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFL2815S/883 Datasheet(PDF) 8 Page - Crane Aerospace & Electronics.

Part # MFL2815S/883
Description  MFL Single and Dual DC/DC Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MFL2815S/883 Datasheet(HTML) 8 Page - Crane Aerospace & Electronics.

Back Button MFL2815S/883 Datasheet HTML 4Page - Crane Aerospace & Electronics. MFL2815S/883 Datasheet HTML 5Page - Crane Aerospace & Electronics. MFL2815S/883 Datasheet HTML 6Page - Crane Aerospace & Electronics. MFL2815S/883 Datasheet HTML 7Page - Crane Aerospace & Electronics. MFL2815S/883 Datasheet HTML 8Page - Crane Aerospace & Electronics. MFL2815S/883 Datasheet HTML 9Page - Crane Aerospace & Electronics. MFL2815S/883 Datasheet HTML 10Page - Crane Aerospace & Electronics. MFL2815S/883 Datasheet HTML 11Page - Crane Aerospace & Electronics. MFL2815S/883 Datasheet HTML 12Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MFL Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 8 of 13
Rev D - 20060601
www.craneae.com
28 VOLT INPUT – 65 WATT
Electrical Characteristics: –55°C to +125° C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
DUAL OUTPUT MODELS
MFL2805D
MFL2812D
MFL2815D
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
Tc = 25°C
+VOUT 4.95
5.00
5.05
11.88 12.00
12.12
14.85 15.00
15.15
VDC
–VOUT 4.92
5.00
5.08
11.82 12.00
12.18
14.77 15.00
15.23
OUTPUT CURRENT2
EACH OUTPUT
0
—
7
0
—
3.5
0
—
3.03
A
VIN = 16 TO 40 VDC
TOTAL OUTPUT
0
—
10
0
—
5
0
—
4.34
OUTPUT POWER2
VIN = 16 TO 40 VDC
0
—
50
0
—
60
0
—
65
W
OUTPUT RIPPLE
VOLTAGE +/– VOUT
10 kHz - 2 MHz
—
50
100
—
50
120
—
50
150
mV p-p
LINE REGULATION
+VOUT
—
0
50
—
0
50
—
0
50
mV
VIN = 16 TO 40 VDC
–VOUT
—
25
100
—
25
100
—
25
100
LOAD REGULATION
+VOUT
—
0
50
—
10
50
—
10
50
mV
NO LOAD TO FULL
–VOUT
—
25
100
—
50
120
—
50
150
CROSS REGULATION
SEE NOTE 3
—
5
8
—
2
4
—
2
4
%
Tc = 25°C
SEE NOTE 4
—
3
6
—
2
4
—
2
4
INPUT VOLTAGE
CONTINUOUS
16
28
40
16
28
40
16
28
40
VDC
NO LOAD TO FULL
TRANSIENT1, 5 50 ms.
0
—
50
0
—
50
0
—
50
V
INPUT CURRENT
NO LOAD
—
50
120
—
50
100
—
50
100
mA
INHIBITED - INH1
—
9
14
—
9
14
—
9
14
mA
INHIBITED - INH2
—
35
70
—
35
70
—
35
70
INPUT RIPPLE
CURRENT
10 kHz - 10 MHz
—
15
50
—
15
50
—
15
50
mA p-p
EFFICIENCY 25°C Tc
BALANCED LOAD
77
80
—
83
86
—
84
87
—
%
LOAD FAULT
POWER DISSIPATION
SHORT CIRCUIT
Tc = 25°C
—
12.5
16
—
10
14
—
10
14
W
RECOVERY1
—
1.5
4.0
—
1.5
4.0
—
1.5
4.0
ms
STEP LOAD RESP.
50 %–100%– 50% LOAD
±VOUT
TRANSIENT
—
250
350
—
450
600
—
500
600
mV pk
RECOVERY1, 6
—
1.5
3.0
—
1.5
3.0
—
1.5
3.0
ms
STEP LINE RESP.
16 – 40 – 16 VIN
±VOUT
TRANSIENT1, 7
—
250
300
—
250
400
—
250
400
mV pk
RECOVERY1, 6
—
200
300
—
200
300
—
200
300
μs
START–UP8
DELAY
—
3.5
6
—
3.5
6
—
3.5
6
ms
OVERSHOOT1
—
0
25
—
0
50
—
0
50
mV p
COUT
Tc=25°C1,9
—
—
500
—
—
500
—
—
500
μF
Notes
1. Guaranteed by design, not tested.
2. Up to 70% of the total output power is available from either output
providing the opposite output is simultaneously carrying 30% of the
total power.
3. Effect on negative Vout from 50%/50% loads to 70%/30% or
30%/70% loads.
4. Effect on negative Vout from 50%/50% loads to +Pout=50%,
-Pout=10%.
5. Unit will shut down above approximately 45V but will be undamaged
and will restart when voltage drops into normal range.
6. Recovery time is measured from application of the transient to point at
which Vout is within 1% of final value.
7. Transition time > 10 μs.
8. Tested on release from inhibit.
9. Shall not compromise DC performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com